VIPER222
AI

The **VIPER222** is a high-performance high-voltage converter specifically designed for Switched Mode Power Supplies (SMPS). It belongs to the VIPerPlus family by STMicroelectronics and integrates an 800 V avalanche-rugged power MOSFET with PWM control logic on a single chip.
---
### ## Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **Oscillator Frequency** | 30 kHz / 60 kHz / 120 kHz (Fixed versions) |
| **Max Output Power** | Up to 12W (Wide range) or 18W (European range) |
| **Standby Power** | < 30 mW at 230 $V_{AC}$ |
| **Embedded Protections** | Thermal, Overload, Short-circuit, Overvoltage |
---
### ### Internal Architecture and Logic
The device is composed of several critical internal stages that allow it to function with minimal external components:
1. **High-Voltage Startup:** It includes a high-voltage current source that charges the $V_{CC}$ capacitor during startup, eliminating the need for an external startup resistor.
2. **PWM Controller:** Manages the duty cycle based on feedback to maintain a constant output voltage.
3. **SenseFET:** Instead of using a traditional sense resistor that wastes power, it uses a "SenseFET" technology to monitor current internally.
4. **Jittering Circuit:** The switching frequency is slightly modulated (jittered) to spread the EMI (Electromagnetic Interference) energy, making it easier to comply with EMC regulations.
---
### ### Pin Configuration (SO-8 Package)
| Pin Name | Description |
| :--- | :--- |
| **GND** | Ground and source of the internal MOSFET. |
| **VCC** | Supply voltage for the internal control logic. |
| **FB** | Feedback input for regulation (usually connected to an optocoupler). |
| **DRAIN** | High voltage pin connected to the transformer primary winding. |
---
### ### Common Application Circuit
The VIPER222 is typically used in **Flyback** or **Buck** converter topologies. Below is a simplified representation of its role in a Flyback circuit:
```mermaid
graph LR
Input[AC Input] --> Rect[Rectifier/Filter]
Rect --> Trans[Transformer Primary]
Trans --> VIPER[VIPER222 Drain]
VIPER --> GND[System Ground]
Opto[Optocoupler] -->|Feedback| VIPER
```
---
### ### Protection Features
* **Pulse-by-Pulse Current Limit:** Limits the peak current in the MOSFET to prevent saturation.
* **Hiccup Mode:** If a short circuit occurs, the device stops switching and attempts to restart periodically, preventing overheating.
* **Thermal Shutdown:** Shuts down the IC if the junction temperature exceeds ~150°C.
- ⤷
What are the main differences between VIPER222 and the older VIPER22A?
- ⤷ How do you calculate the transformer primary inductance for a VIPER222 design?
- ⤷ Can VIPER222 be used in a non-isolated Buck converter topology?