VIPER26
AI

## Overview of the VIPER26
The **VIPER26** is a high-performance, high-voltage offline converter produced by STMicroelectronics. It belongs to the *ViperPlus* family and integrates an 800V avalanche-rugged power MOSFET with a Pulse Width Modulation (PWM) controller. It is specifically designed for SMPS (Switched-Mode Power Supplies) in home appliances and industrial equipment.
---
### 1. Key Internal Components
The VIPER26 is an Integrated Circuit (IC) that combines several electronic functions into a single package:
| Component | Function |
| :--- | :--- |
| **Power MOSFET** | An 800V rated N-channel MOSFET that handles high voltage switching. |
| **PWM Controller** | Manages the duty cycle of the MOSFET to maintain a stable output voltage. |
| **High Voltage Startup** | Allows the device to start directly from the rectified mains without an external resistor. |
| **SenseFET** | A specialized structure to measure the drain current accurately for protection. |
---
### 2. Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V (minimum) |
| **Switching Frequency** | Fixed at 60 kHz (L version) or 115 kHz (H version) |
| **Supply Voltage ($V_{CC}$)** | 11.5 V to 23.5 V |
| **Current Limit ($I_{DLIM}$)** | 500 mA to 700 mA (depending on version) |
| **Typical Output Power** | Up to 20W (Wide range input) |
---
### 3. Pin Configuration (SO16 or DIP-7)
The VIPER26 typically utilizes the following pins to interface with external electronic parts:
1. **GND:** Ground and source of the internal MOSFET.
2. **VCC:** Supply voltage for the internal control logic.
3. **CONT:** Control pin to adjust the current limit or set the switching frequency.
4. **FB:** Feedback pin used to regulate the output voltage via an optocoupler.
5. **DRAIN:** The drain of the internal high-voltage MOSFET, connected to the primary winding of the transformer.
---
### 4. Embedded Protection Features
The VIPER26 includes several safety mechanisms to prevent the electronic circuit from failing:
* **Hysteretic Over-Temperature Protection:** Shuts down the IC if it gets too hot.
* **Overload Protection (OLP):** Detects if the output is drawing too much power.
* **Overvoltage Protection (OVP):** Monitors the $V_{CC}$ to ensure it doesn't exceed safe limits.
* **Frequency Jittering:** Slightly varies the switching frequency to reduce Electromagnetic Interference (EMI), simplifying the input filter requirements.
---
### 5. Application Circuit Example
To build a power supply using the VIPER26, you generally need these external parts:
* **Input Bridge Rectifier:** To convert AC to DC.
* **Bulk Capacitor:** To smooth the DC voltage.
* **Transformer:** To step down the voltage and provide isolation.
* **Snubber Circuit (RCD):** To protect the DRAIN pin from voltage spikes.
* **Optocoupler & TL431:** For isolated voltage feedback.
- ⤷
What is the difference between the VIPER26LD and VIPER26HD versions?
- ⤷ Can the VIPER26 be used in a non-isolated Buck converter topology?
- ⤷ How does the frequency jittering feature help in reducing EMI?