AI

## Overview of the VIPER31
The **VIPER31** is a high-voltage converter from STMicroelectronics belonging to the ViperPlus family. It is an integrated Offline Switcher IC designed for Switched-Mode Power Supplies (SMPS). It combines an 800 V avalanche-rugged MOSFET with a PWM controller in a single package (typically SO-16 or DIP-7).
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 800 V |
| **Typical $R_{DS(on)}$** | 3.5 $\Omega$ |
| **Max Output Power** | Up to 18W (Wide range) / 30W (High range) |
| **Switching Frequency** | 30 kHz, 60 kHz, or 132 kHz (fixed options) |
| **Supply Voltage ($V_{CC}$)** | 8 V to 30 V |
| **Protections** | OVP, OCP, OTP, Short Circuit, Brown-out |
---
### Main Electronic Components (Internal Architecture)
The VIPER31 integrates several critical sub-systems into one chip to reduce external component count:
1. **High-Voltage MOSFET:**
* An 800 V power transistor that handles the switching of the primary transformer winding. Its high voltage rating provides a safety margin against voltage spikes without needing complex snubber circuits.
2. **High-Voltage Startup Current Source:**
* This allows the IC to start directly from the rectified AC mains. Once the device starts switching, the internal startup source turns off to save power, enabling ultra-low standby consumption (less than 10 mW to 30 mW).
3. **PWM Controller:**
* The "brain" of the chip. It manages the switching frequency and duty cycle based on the feedback received from the output side (usually via an optocoupler).
4. **Error Amplifier:**
* Includes a high-gain error amplifier for voltage regulation, making it suitable for both isolated and non-isolated topologies.
5. **Protection Logic:**
* **Pulse-by-pulse current limiting:** Prevents transformer saturation.
* **Hysteretic Thermal Shutdown:** Shuts the device down if it overheats.
* **Brown-out Protection:** Monitors the input voltage to ensure the device only operates within safe AC mains levels.
---
### Typical Application Circuit Parts
To build a power supply using the VIPER31, you generally need the following external parts:
* **Transformer:** Specifically designed for flyback topology.
* **Input Rectifier & Filter:** A bridge rectifier and a high-voltage electrolytic capacitor (Bulk Cap).
* **Feedback Network:** Typically a **TL431** voltage reference and an **Optocoupler** (e.g., PC817) to provide isolation.
* **VCC Capacitor:** A small electrolytic capacitor to provide stable power to the IC controller.
* **Snubber Circuit:** Usually a diode, resistor, and capacitor (RCD) to protect the MOSFET from leakage inductance spikes.
---
### Advantages for Designers
* **Jittered Frequency:** The switching frequency is modulated (jittered) to spread the EMI energy, making it easier to pass electromagnetic compliance tests with smaller filters.
* **Massive Integration:** Replaces roughly 10-15 discrete components, saving PCB space and increasing reliability.
* **Robustness:** The 800V rating is significantly higher than standard 600V or 650V MOSFETs, offering better durability against unstable power grids.
- ⤷What are the pin configurations for the VIPER31 in an SO-16 package?
- ⤷ How does the frequency jittering feature help in reducing EMI?
- ⤷ What is the difference between the VIPER31 and the VIPER22A?