VIPER38HD
AI

## Overview of the VIPER38HD
The **VIPER38HD** is a high-performance, high-voltage converter belonging to the VIPerPlus family by STMicroelectronics. It is specifically designed for offline Switch Mode Power Supplies (SMPS). It integrates an 800 V avalanche-rugged power MOSFET with a Pulse Width Modulation (PWM) controller.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DS}$)** | 800 V |
| **Max Output Power** | Up to 15W (Wide Range) / 20W (European Range) |
| **Switching Frequency** | 115 kHz (Fixed) |
| **RDS(on)** | 4.5 $\Omega$ (Typical) |
| **Supply Voltage ($V_{CC}$)** | 11.5 V to 23.5 V |
---
### Core Electronic Components & Internal Blocks
The VIPER38HD consists of several critical internal stages that manage power conversion and protection:
1. **Power MOSFET:**
The integrated 800 V power transistor is the primary switching element. Its high breakdown voltage provides a significant safety margin against lightning strikes or grid fluctuations.
2. **PWM Controller:**
This block controls the duty cycle of the MOSFET. It uses **Current Mode Control**, which simplifies loop compensation and provides inherent pulse-by-pulse current limiting.
3. **High Voltage Startup:**
The IC features an internal high-voltage current source. This allows the device to start up directly from the rectified mains voltage, eliminating the need for external "bleeder" resistors and improving standby efficiency.
4. **Frequency Jittering:**
The internal oscillator incorporates a "jitter" function. This spreads the energy of the switching frequency over a wider band, significantly reducing Electro-Magnetic Interference (EMI).
---
### Main Features and Protections
The device is "Hardened" (indicated by the **HD** suffix) for robust performance in industrial environments.
* **Soft-Start:** Gradually increases the peak drain current during startup to prevent component stress and transformer saturation.
* **Auto-Restart:** If a fault is detected (like a short circuit), the device attempts to restart automatically once the fault is removed.
* **Protection Suite:**
* **Overvoltage Protection (OVP):** Protects against feedback loop failures.
* **Hysteretic Thermal Shutdown:** Shuts the device down if the junction temperature exceeds $150^\circ C$.
* **Overload Protection (OLP):** Limits the power delivered to the load.
---
### Typical Application Circuit (Schematic View)
```mermaid
graph LR
AC_Input --> Rectifier_Bridge
Rectifier_Bridge --> Bulk_Capacitor
Bulk_Capacitor --> Transformer_Primary
Transformer_Primary --> VIPER38HD_Drain
VIPER38HD_Source --> GND
Transformer_Auxiliary --> VIPER38HD_VCC
Transformer_Secondary --> Output_DC
```
- ⤷
What are the main differences between the VIPER38HD and the standard VIPER38?
- ⤷ How do I calculate the transformer primary inductance for a VIPER38HD design?
- ⤷ What is the typical standby power consumption for this IC?