VIPER50/SP
AI

## VIPer50/SP: Overview and Technical Specifications
The **VIPer50** and **VIPer50SP** are high-performance SMPS (Switched Mode Power Supply) primary switchers produced by STMicroelectronics. They belong to the VIPer (Vertical Intelligent Power) family, which integrates a dedicated PWM controller with a high-voltage Power MOSFET on the same silicon chip.
### 1. Key Internal Components
The VIPer50 is essentially a "system-on-chip" for power conversion. Its internal structure consists of three main blocks:
| Component | Description |
| :--- | :--- |
| **Power MOSFET** | A high-voltage power transistor capable of handling up to **600V** or **700V** (depending on the specific revision). |
| **PWM Controller** | Manages the duty cycle of the MOSFET to regulate output voltage. |
| **Protection Circuitry** | Includes thermal shutdown, overcurrent protection, and undervoltage lockout (UVLO). |
---
### 2. Technical Specifications
Below are the critical electrical characteristics of the VIPer50/SP series:
| Parameter | Value |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DS}$)** | 600V to 700V |
| **Max Switching Frequency** | Up to 200 kHz |
| **Drain Current ($I_D$)** | 1.5A |
| **Package Types** | TO-220 (VIPer50) or PowerSO-10 (VIPer50SP - Surface Mount) |
| **Supply Voltage ($V_{DD}$)** | 8V to 15V |
---
### 3. Pin Configuration and Functions
The VIPer50 uses a specialized pinout to handle both high-voltage switching and low-voltage control signals.
```text
Pin Functions:
1. DRAIN: Connection to the internal MOSFET drain (High Voltage).
2. SOURCE: Ground connection for the power and control circuits.
3. VDD: Supply voltage for the internal control logic.
4. COMP: Input for the feedback loop (Error Amplifier).
5. OSC: Pin to set the switching frequency using an RC network.
```
---
### 4. Core Features
1. **Current Mode Control:** Provides excellent line and load regulation and simplifies loop compensation.
2. **Adjustable Switching Frequency:** By connecting an external resistor and capacitor to the OSC pin, the user can tune the frequency to optimize efficiency or EMI.
3. **Automatic Burst Mode:** Under low-load conditions, the device enters a "burst mode" to reduce power consumption, aiding in meeting "Green Energy" standby requirements.
4. **Integrated Startup:** It features a high-voltage current source for internal startup, eliminating the need for bulky external resistors.
### 5. Common Applications
* Offline Power Supplies (AC/DC converters)
* Auxiliary power supplies for industrial equipment
* Adapters for peripherals (printers, monitors)
* Home appliance control boards
- ⤷
What is the difference between the VIPer50 and the VIPer50-E version?
- ⤷ How do you calculate the RC network values for the OSC pin?
- ⤷ What are the common failure modes for a VIPer50 in a circuit?