VIPER50ASP
AI

## Overview of the VIPER50ASP
The **VIPER50ASP** is a high-performance SMPS (Switched Mode Power Supply) primary switcher IC developed by STMicroelectronics. It integrates a dedicated current mode PWM controller with a high-voltage Power MOSFET on the same silicon chip.
This component is widely used in off-line power supplies, providing a compact solution for AC-DC conversion.
---
### 1. Key Internal Components
The VIPER50ASP is an "all-in-one" solution that contains several critical electronic sub-systems:
| Component | Function |
| :--- | :--- |
| **Power MOSFET** | Handles high voltage (typically up to 700V) and switching currents. |
| **PWM Controller** | Regulates the output voltage by adjusting the pulse width of the switching frequency. |
| **Start-up Circuit** | High voltage current source that charges the VDD capacitor during initial power-up. |
| **Error Amplifier** | Compares feedback voltage to an internal reference to maintain stability. |
| **Protection Logic** | Manages Over-Temperature (OTP) and Over-Current (OCP) scenarios. |
---
### 2. Pin Configuration (PowerSO-10 Package)
The VIPER50ASP is typically found in the **PowerSO-10** surface-mount package. Below are the functional pin descriptions:
1. **DRAIN**: Connected to the internal MOSFET drain; typically connected to the primary winding of the transformer.
2. **SOURCE**: Ground reference for the device and the MOSFET source.
3. **VDD**: Supply voltage for the internal control circuits (usually 9V to 15V).
4. **COMP**: Input for the feedback loop (compensation pin).
5. **OSC**: Connection for an external RC network to set the switching frequency.
---
### 3. Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 700 V |
| **Switching Frequency** | Up to 200 kHz (adjustable) |
| **Maximum Drain Current ($I_d$)** | 1.5 A |
| **Supply Voltage Range ($V_{DD}$)** | 8 V to 15 V |
| **Thermal Shutdown** | 170 °C |
---
### 4. Distinctive Features
* **Adjustable Frequency**: Unlike fixed-frequency switchers, the VIPER50ASP allows the designer to tune the frequency using an external resistor and capacitor on the OSC pin.
* **Current Mode Control**: Provides better transient response and simplified loop compensation compared to voltage mode control.
* **Burst Mode Operation**: In low-load conditions, the device enters a "burst mode" to reduce power consumption and improve efficiency (Green Mode).
* **Robust Protection**: Includes built-in thermal shutdown with hysteresis and current limiting to prevent component failure during a short circuit.
---
### 5. Application Example (Typical Circuit)
```mermaid
graph LR
AC_Input --> Bridge_Rectifier
Bridge_Rectifier --> Bulk_Capacitor
Bulk_Capacitor --> Transformer_Primary
Transformer_Primary --> VIPER50_Drain
VIPER50_Source --> Ground
Optocoupler --> VIPER50_Comp
```
- ⤷
What are the common causes of failure for the VIPER50ASP in power supply designs?
- ⤷ How do you calculate the RC values for the OSC pin to set a specific switching frequency?
- ⤷ What is the difference between the VIPER50ASP and the VIPER22A?