AI

The **VLMD31.._V02** series refers to high-intensity Surface Mount Device (SMD) LEDs manufactured by Vishay Semiconductors. These are specifically designed using AllnGaP (Aluminum Indium Gallium Phosphide) technology, which provides high luminous intensity in a compact PLCC-2 package.
---
### 1. Key Technical Specifications
The following table highlights the core electrical and optical characteristics of the VLMD31 series (typical values at $T_{amb} = 25^\circ C$):
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Forward Current** | $I_F$ | 20 | mA |
| **Forward Voltage** | $V_F$ | 2.0 (Max 2.6) | V |
| **Luminous Intensity** | $I_V$ | 71 to 180 | mcd |
| **Dominant Wavelength** | $\lambda_d$ | 605 (Orange/Amber) | nm |
| **Viewing Angle** | $\phi$ | ± 60° (120° total) | deg |
| **Power Dissipation** | $P_V$ | 130 | mW |
---
### 2. Physical Design and Packaging
The parts utilize the industry-standard **PLCC-2 package**, which is highly reliable for automated assembly processes.
* **Package Dimensions:** $3.0 \times 2.8 \times 1.75$ mm.
* **Lead Frame:** Lead-free (Pb-free) and RoHS compliant.
* **Encapsulation:** Clear epoxy resin, providing a wide viewing angle without internal diffusion.
* **Mounting:** Compatible with IR reflow, vapor phase, and wave soldering processes.
---
### 3. Application Use Cases
Due to their high reliability and AEC-Q101 qualification (automotive grade), these LEDs are commonly found in:
1. **Automotive Interior:** Dashboard lighting, switches, and radio displays.
2. **Industrial Indicators:** Status lights for control panels and power supplies.
3. **Backlighting:** LCD displays, symbols, and illuminated push-buttons.
4. **Telecommunications:** Indicator lights for routers and server hardware.
---
### 4. Circuit Example
To drive a VLMD31 LED using a 5V DC source, a current-limiting resistor is required.
```cpp
// Calculation for a 20mA current:
// R = (V_source - V_forward) / I_forward
// R = (5V - 2.0V) / 0.020A = 150 Ohms
```
---
- ⤷What is the difference between the VLMD and VLMS series?
- ⤷ How does temperature affect the luminous intensity of these LEDs?
- ⤷ Are there specific soldering profiles recommended for the PLCC-2 package?