VLS252010HBX-R24M-1
AI

The **VLS252010HBX-R24M-1** is a high-performance, surface-mount (SMD) power inductor manufactured by **TDK Corporation**. It is part of the VLS-HBX series, specifically designed for power circuits in compact electronic devices.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.24 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 23 mΩ (0.023 Ω) |
| **Rated Current (Isat)** | 7.35 A (Saturation based) |
| **Rated Current (Itemp)** | 4.85 A (Temperature rise based) |
| **Size Code** | 2520 (2.5mm x 2.0mm) |
| **Height (Max)** | 1.0 mm |
| **Core Material** | Metal Core (Metallic Magnetic Material) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **VLS**: Product Series (Wound Ferrite/Metal Inductors).
* **252010**: Dimensions (Length 2.5mm x Width 2.0mm x Height 1.0mm).
* **HBX**: Internal characteristic code (High current, metal core).
* **R24**: Inductance value ($0.24 \mu H$).
* **M**: Tolerance ($\pm 20\%$).
* **-1**: Packaging or internal revision code.
---
### 3. Core Features and Technology
#### Metal Magnetic Core
Unlike traditional ferrite inductors, the "HBX" series uses a metallic magnetic material. This allows for:
* **Higher Current Handling:** Metal cores saturate more slowly than ferrite cores, preventing sudden drops in inductance during current spikes.
* **Compact Footprint:** High energy density allows for a very low profile (1mm height), ideal for thin smartphones and tablets.
#### Shielded Construction
The inductor is magnetically shielded, which minimizes electromagnetic interference (EMI) with neighboring components on a high-density PCB.
---
### 4. Common Applications
Due to its high current rating and small size, this inductor is typically found in:
1. **DC-DC Converters:** Used in the voltage regulator modules (VRM) of smartphones and wearable tech.
2. **Power Management Integrated Circuits (PMICs):** For high-efficiency power distribution.
3. **Portable Electronics:** SSDs, digital cameras, and IoT modules where PCB space is limited.
---
- ⤷
How does the metallic magnetic material compare to a standard ferrite core in terms of efficiency?
- ⤷ What is the difference between Isat and Itemp ratings for this inductor?
- ⤷ Are there recommended PCB land patterns for the 2520 package size?