VMP-R005-1.0-U
AI

The **VMP-R005-1.0-U** is a high-precision, low-resistance **Current Sense Resistor** (Shunt Resistor) manufactured by **Isabellenhütte**. It is designed for measuring current in power electronics by monitoring the voltage drop across the component.
---
### 1. Key Technical Specifications
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 5 mΩ (0.005 Ω) | Ultra-low resistance to minimize power loss |
| **Tolerance** | ±1.0% | High precision for accurate current sensing |
| **Power Rating** | 2.0 W to 3.0 W | Depending on mounting and cooling conditions |
| **Temperature Coefficient** | < 20 ppm/K | Extremely stable resistance across temperatures |
| **Operating Temp Range** | -65°C to +170°C | Suitable for harsh environments |
| **Package / Case** | 2010 (SMD) | Surface Mount Device (5.0mm x 2.5mm) |
---
### 2. Physical Construction
The VMP series utilizes **Manganin®** or **Zeranin®** alloys as the resistive element.
* **Substrate:** Typically uses a copper base for excellent thermal conductivity.
* **Terminals:** Large, robust solder pads designed to handle high current density.
* **Stability:** The electron-beam welded construction ensures long-term stability and low thermal EMF (electromotive force), preventing false voltage readings caused by heat.
---
### 3. Application Areas
This component is primarily used in circuits where current needs to be monitored and controlled accurately:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
2. **Motor Control:** Providing feedback for torque and speed control in BLDC motors.
3. **Power Supplies:** Over-current protection and DC/DC converter regulation.
4. **Automotive Electronics:** Used in electronic power steering and braking systems.
---
### 4. Part Number Breakdown
The nomenclature follows a specific logic:
* **VMP:** Series name (Power metal film/alloy shunt).
* **R005:** Resistance value ($0.005\Omega$ or $5m\Omega$).
* **1.0:** Tolerance ($\pm 1\%$).
* **U:** Packaging/Internal code (usually refers to Tape & Reel).
---
- ⤷
What are the PCB layout recommendations for the VMP-R005 to ensure measurement accuracy?
- ⤷ How does the temperature coefficient of 20 ppm/K impact performance compared to standard resistors?
- ⤷ Can this resistor handle pulse currents higher than its rated continuous power?