Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • VOS2T-R-01L1

  • AI
    The **VOS2T-R-01L1** is a specific variant within a series of optical sensors, typically categorized as a **Laser Distance Sensor** or **Vision Sensor** (often associated with industrial brands like Pepperl+Fuchs or similar automation manufacturers). Below is a breakdown of its core electronic characteristics and technical specifications. --- ### 1. Core Technical Specifications These parts define the electronic performance and limits of the device. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Operating Voltage** | 18 – 30 V DC | Standard industrial power supply requirement. | | **Light Source** | Red Laser / LED | Typically Class 1 or 2 for high-precision detection. | | **Output Type** | Push-Pull / PNP / NPN | Configurable outputs for PLC integration. | | **Interface** | Ethernet / IO-Link | Used for data transmission and parameterization. | | **Current Consumption** | < 200 mA | Power draw during active sensing operations. | --- ### 2. Key Electronic Components The internal architecture of the VOS2T-R-01L1 consists of several critical subsystems: #### A. Optical Engine (The "Eyes") * **Transmitter:** A laser diode that emits a concentrated beam toward the target object. * **Receiver (CMOS/CCD Sensor):** A high-resolution pixel array that captures the reflected light to determine shape, position, or distance. #### B. Processing Unit (The "Brain") * **Microcontroller / DSP:** An onboard Digital Signal Processor (DSP) handles image processing algorithms. It calculates "Time of Flight" (ToF) or triangulation data internally before sending a simple signal to the PLC. * **Memory:** Non-volatile memory stores user configurations and job profiles. #### C. Connectivity & I/O * **M12 Connector:** The physical electronic interface. Usually, an 8-pin or 5-pin M12 connector handles power, ground, and data signals. * **Status Indicators:** LED diodes (Green for Power, Yellow for Switching State, Red for Error) provide immediate visual electronic diagnostics. --- ### 3. Electronic Functions The device operates using the following electronic logic: 1. **Signal Modulation:** The light is pulsed at high frequencies to differentiate it from ambient background light. 2. **Threshold Logic:** The electronic circuit allows users to set "Switching Windows." If an object enters the defined distance, the transistor output flips state. 3. **Communication Layer:** Through the Ethernet port, the device transmits raw data or processed results using protocols like **EtherNet/IP**, **PROFINET**, or **TCP/IP**. --- ### 4. Circuit Protection Features To ensure longevity in industrial environments, the electronics include: * **Reverse Polarity Protection:** Prevents damage if the V+ and Ground wires are swapped. * **Short Circuit Protection:** Protects the output transistors from current spikes. * **Overload Protection:** Shuts down temporary functions if thermal limits are exceeded.
    ✨ Follow-up Questions
    • ⤷ What is the specific sensing range for the VOS2T-R-01L1 model?
    • ⤷ Which communication protocol is most commonly used with this sensor series?
    • ⤷ How do I wire the M12 connector for a PNP output configuration?