VP1-0076-R
AI

The **VP1-0076-R** is a high-performance, high-power density power inductor manufactured by **Eaton (formerly Coiltronics)**. It is part of the Versa-Pac series, which is characterized by its versatile design featuring multiple windings.
---
### 1. Technical Specifications
The VP1-0076-R is a "Configurable Inductor/Transformer." Here are its core electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Coiltronics) |
| **Inductance (Parallel)** | 7.6 µH (approximate, varies by config) |
| **Inductance (Series)** | 273.6 µH (approximate, varies by config) |
| **Current Rating (Isat)** | ~2.0A to 12.0A (depending on configuration) |
| **DC Resistance (DCR)** | ~0.024 Ω per winding |
| **Number of Windings** | 6 independent windings |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Design Features
The "Versa-Pac" (VP) series is unique because of its **hex-winding** structure:
* **Multi-Winding Versatility:** It contains six identical windings that can be connected in series or parallel. This allows a single part to act as:
* A high-current inductor.
* A high-ratio transformer.
* A multi-output coupled inductor (flyback/SEPIC).
* **SMD Package:** Designed for surface-mount technology (SMT) with a low-profile footprint, making it suitable for compact PCB designs.
* **High Frequency:** Optimized for high-frequency switching power supplies (typically up to 1MHz or more).
* **Isolation:** Each winding is isolated, allowing for different ground potentials in complex circuits.
---
### 3. Common Applications
Due to its configurable nature, the VP1-0076-R is used in several power conversion architectures:
1. **SEPIC and Cuk Converters:** Used as a coupled inductor to reduce ripple.
2. **Flyback Transformers:** Can be configured to provide multiple output voltages (e.g., +5V, +12V, -12V) from a single primary.
3. **Step-Up/Step-Down Converters:** Used as a standard power inductor by wiring windings in parallel to handle higher current.
4. **Isolation Transformers:** Provides 500VAC isolation between windings for gate drive or signal isolation.
---
### 4. Part Number Breakdown
* **VP:** Versa-Pac Series.
* **1:** Size/Power rating (Size 1 is smaller than Size 2 or 3).
* **0076:** Base inductance code (linked to the magnetic properties of the core).
* **-R:** RoHS compliant (Lead-free).
- ⤷
How do you calculate the total inductance when connecting the windings in series versus parallel?
- ⤷ What is the maximum voltage isolation between the individual windings?
- ⤷ Are there specific PCB layout recommendations for the VP1-0076-R to manage heat?