VP1-0190-R
AI

The **VP1-0190-R** is a high-performance, high-frequency power inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the **Versa-Pac®** series, which is known for its versatility in multi-winding applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 18.9 µH (Base configuration) |
| **Current Rating (Isat)** | ~1.67 A (Parallel configuration) |
| **DC Resistance (DCR)** | ~0.106 Ω |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | Surface Mount (SMT) |
| **Construction** | 6-winding configuration |
---
### 2. Design and Construction
The defining feature of the VP1-0190-R is its **six-winding** architecture. Each of the six windings is independent, allowing for multiple circuit topologies using a single component.
* **Customization:** By connecting pins in series or parallel, you can change the inductance and current-carrying capacity.
* **Isolation:** The windings are electrically isolated from each other, which is essential for certain power conversion tasks.
* **Material:** It typically utilizes a high-frequency ferrite core designed for low core losses.
---
### 3. Common Applications
Due to its multi-winding nature, this part is used in several specific power electronics scenarios:
1. **Flyback Transformers:** The multiple windings allow for multiple output voltages or isolated feedback loops.
2. **Buck/Boost Converters:** Used as a standard energy storage inductor.
3. **SEPIC Converters:** The 1:1 ratio capability makes it ideal for Single-Ended Primary-Inductor Converters.
4. **Common Mode Chokes:** Can be wired to filter noise in power lines.
---
### 4. Circuit Implementation (Example)
To achieve different values, engineers use the following logic:
```c
// Series Connection (Increases Inductance)
Inductance_Total = N^2 * L_Base;
// Parallel Connection (Increases Current Handling)
Current_Total = N * I_Base;
```
---
- ⤷
What are the specific pinout configurations for the VP1-0190-R?
- ⤷ How does the saturation current change when wiring the windings in series?
- ⤷ Are there recommended alternatives if this part is out of stock?