VP3-0138-R
AI

The **VP3-0138-R** is a high-performance power inductor, part of the **Versa-Pac (VP)** series originally designed by Coiltronics (now a brand under **Eaton**). These components are unique because they feature multiple windings, allowing them to be configured in various ways for different power applications.
---
### 1. Key Technical Specifications
The VP3-0138-R is characterized by its versatility and high power density.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (formerly Coiltronics) |
| **Inductance (Parallel)** | ~11.5 µH (typical) |
| **Inductance (Series)** | ~103.5 µH (typical) |
| **Peak Current (Ipk)** | 3.30 Amps |
| **DC Resistance (DCR)** | ~0.024 Ω (Parallel) |
| **Number of Windings** | 6 Independent Windings |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Physical Construction and "R" Suffix
* **Surface Mount Design:** It uses a high-temperature self-leaded package, making it suitable for automated assembly.
* **The "R" Suffix:** In Eaton's nomenclature, the "R" stands for **RoHS Compliant**, meaning the part is lead-free and meets environmental safety standards.
* **Six-Winding Architecture:** The internal structure consists of six identical windings. This allows the user to connect them in series or parallel to change the inductance and current-handling capabilities.
---
### 3. Common Applications
Due to its multi-winding nature, the VP3-0138-R is used in several circuit topologies:
* **Buck/Boost Converters:** Standard DC-DC conversion where high efficiency is required.
* **Flyback Transformers:** By using some windings as primaries and others as secondaries, it can act as a transformer.
* **SEPIC Topology:** Frequently used in battery-powered devices where the input voltage can be higher or lower than the output.
* **Cuk Converters:** Utilized for highly stable voltage inversion.
---
### 4. Configuration Advantages
The primary benefit of the Versa-Pac series is **inventory consolidation**. Instead of buying ten different inductors for ten different projects, an engineer can use the VP3-0138-R and change the PCB trace layout to achieve different results:
1. **Parallel Connection:** Increases current capacity but lowers total inductance.
2. **Series Connection:** Increases total inductance but lowers the maximum current rating.
3. **Isolation:** Can provide 500VAC isolation between windings if used as a transformer.
- ⤷
How do I calculate the total inductance when connecting three windings in series?
- ⤷ What is the maximum voltage rating between the windings of the VP3-0138-R?
- ⤷ Are there recommended PCB footprints for the Versa-Pac 3 series?