VS-161MT...C
AI

## VS-161MT...C Series (Three Phase Bridge Rectifiers)
The **VS-161MT...C** series consists of high-performance, three-phase bridge rectifiers housed in a robust, low-profile package (MT-type). These components are designed to convert Three-Phase Alternating Current (AC) into Direct Current (DC) for high-power industrial applications.
---
### 1. Key Technical Specifications
The "161" in the part number generally refers to the average output current capability.
| Feature | Description |
| :--- | :--- |
| **Circuit Configuration** | Three-Phase Bridge (6 Diodes) |
| **Output Current ($I_{O}$)** | ~160 Amperes |
| **Voltage Range ($V_{RRM}$)** | 800V to 1600V (depending on the specific model suffix) |
| **Package Type** | MT (Power Module) |
| **Junction Temperature** | Up to 150°C |
| **Isolation Voltage** | 3500 $V_{RMS}$ (High dielectric strength) |
---
### 2. Internal Components & Construction
The module integrates several electronic elements into a single thermal-efficient block:
* **Silicon Rectifier Dies:** Six high-power silicon diodes arranged in a bridge configuration.
* **Direct Bonded Copper (DBC) Substrate:** Provides excellent thermal conductivity while maintaining high electrical isolation from the heat sink.
* **Screw Terminals:** Heavy-duty terminals designed for high-current bolt-on connections.
* **Encapsulation:** Thermally conductive epoxy potting protects the internal chips from moisture and mechanical stress.
---
### 3. Part Number Decoding (Example: VS-161MT120C)
Understanding the nomenclature helps in selecting the right variant:
1. **VS-**: Manufacturer prefix (Vishay).
2. **161**: Average output current rating (approx. 160A).
3. **MT**: Package style (Medium-profile Three-phase).
4. **120**: Voltage rating code (e.g., $120 \times 10 = 1200V$).
5. **C**: Standard manufacturing designation.
---
### 4. Common Applications
Due to their high reliability and current capacity, these parts are found in:
* **Industrial Power Supplies:** High-wattage AC-DC converters.
* **Battery Chargers:** Large-scale industrial battery charging stations.
* **Motor Drives:** Input rectification for Variable Frequency Drives (VFDs).
* **Welding Equipment:** Converting mains power for high-current arc welding.
---
### 5. Installation Considerations
* **Heat Sinking:** These modules generate significant heat at 160A and must be mounted to a heat sink using thermal paste.
* **Torque:** Proper torque must be applied to the electrical terminals to prevent arcing and overheating.
* **Surge Protection:** It is recommended to use MOVs (Metal Oxide Varistors) to protect the bridge from line voltage spikes.
- ⤷What is the difference between the VS-161MT and the VS-130MT series?
- ⤷ How do I calculate the heat sink requirements for a 160A bridge?
- ⤷ Can this module be used for single-phase rectification?