VS-25TTS..FP-M3
AI

The **VS-25TTS12FP-M3** is a high-voltage Phase Control Thyristor (SCR) manufactured by Vishay Semiconductors. It is designed for medium-power switching and phase-control applications where reliability and isolation are critical.
---
## 1. Technical Specifications
Below are the primary electrical and thermal characteristics of the device:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **$V_{RRM} / V_{DRM}$** | 1200 V | Peak Repetitive Reverse and Off-State Voltage |
| **$I_{T(AV)}$** | 16 A | Maximum Average On-State Current |
| **$I_{T(RMS)}$** | 25 A | Maximum RMS On-State Current |
| **$I_{TSM}$** | 350 A | Maximum Peak One-Cycle Non-Repetitive Surge Current |
| **$V_{TM}$** | 1.25 V | Maximum On-State Voltage Drop (at 25 A) |
| **$I_{GT}$** | 45 mA | Max Gate Trigger Current |
| **Package** | TO-220 FULL-PAK | Plastic molded, fully isolated package |
---
## 2. Key Features
* **Isolated Package:** The "FP" (Full-Pak) designation means the internal chip is electrically isolated from the metal heatsink tab. This allows multiple components to be mounted on a single heatsink without extra insulating pads.
* **High Voltage Capability:** Rated at 1200V, making it suitable for 220V/440V AC line applications.
* **Low Thermal Resistance:** Designed to dissipate heat efficiently despite the plastic encapsulation.
* **M3 Series:** This suffix indicates the device is Halogen-free and RoHS compliant, following modern environmental standards.
---
## 3. Terminal Identification
The device follows the standard TO-220 pinout configuration:
1. **Pin 1 (Cathode):** The negative terminal through which current exits the SCR.
2. **Pin 2 (Anode):** The positive terminal through which current enters the SCR.
3. **Pin 3 (Gate):** The control terminal used to trigger the device into conduction.
---
## 4. Typical Applications
The VS-25TTS12FP-M3 is commonly found in industrial and consumer electronics for:
* **Input Rectification:** Soft-start circuits for power supplies.
* **AC Switching:** Solid-state relays and static switching.
* **Motor Control:** Variable speed drives for AC motors.
* **Battery Chargers:** Regulating charging current.
---
## 5. Circuit Symbol (Example)
```text
Anode (A)
|
|
-----
\ / <-- SCR Symbol
V
-----
/ | \
Gate | Cathode (K)
(G)
```
- ⤷
What is the maximum operating junction temperature for this SCR?
- ⤷ How does the 'Full-Pak' isolation affect the thermal resistance compared to a standard TO-220?
- ⤷ What is the recommended gate trigger voltage for the VS-25TTS series?