VS-9.MT...KPBF
AI

The **VS-9.MT...KPBF** series refers to a specific line of **Three-Phase Bridge Rectifiers** manufactured by Vishay (formerly International Rectifier). These components are designed to convert alternating current (AC) into direct current (DC) in industrial power supplies and motor control applications.
---
### 1. Technical Specifications
The "MT" series is known for its "MTK" power module housing, which is robust and electrically isolated.
| Parameter | Standard Value Range |
|:---|:---|
| **Maximum Output Current ($I_D$)** | 90A to 100A (depending on subtype) |
| **Voltage Range ($V_{RRM}$)** | 800V to 1600V |
| **Circuit Configuration** | Three-Phase Bridge (6 Diodes) |
| **Package Type** | MTK (Power Module) |
| **Isolation Voltage** | 2500 V(RMS) |
| **Mounting** | Screw Mount (Chassis) |
---
### 2. Part Number Breakdown
The nomenclature follows a specific logic to identify the part's capabilities:
* **VS-**: Vishay Semiconductors prefix.
* **9**: Indicates the approximate current class (in this case, part of the 90A-100A series).
* **MT**: Refers to the physical package style (MTK Module).
* **...**: This placeholder represents the voltage rating (e.g., `80`, `120`, `160` for 800V, 1200V, or 1600V).
* **K**: Indicates the internal configuration (Three-phase bridge).
* **PBF**: Lead-Free (RoHS Compliant).
---
### 3. Key Electronic Features
* **Direct Mounting:** The baseplate is electrically isolated from the terminals, meaning it can be bolted directly to a metal heatsink without additional insulation pads.
* **High Surge Current:** Designed to handle high initial inrush currents common in industrial motor starts.
* **Low Thermal Resistance:** Uses a large copper baseplate to efficiently transfer heat away from the diode junctions.
* **Solderable Terminals:** The terminals are designed for easy connection via lugs or direct soldering.
---
### 4. Typical Applications
These modules are workhorses in high-power environments:
1. **Variable Speed Drives (VSD):** Converting 3-phase AC mains to DC for the inverter stage.
2. **Battery Chargers:** High-capacity industrial charging stations.
3. **Welding Equipment:** Providing steady DC current for arc welding.
4. **DC Power Supplies:** Regulated power for factory automation.
---
- ⤷
What is the difference between the 120MT and 160MT voltage ratings in this series?
- ⤷ How do I calculate the required heatsink size for a 90A bridge rectifier?
- ⤷ Can this module be used in a single-phase application?