VS-E2-R
AI

The **VS-E2-R** refers to a high-efficiency power diode, specifically a **FRED Pt® (Fast Recovery Epitaxial Diode)** manufactured by Vishay Semiconductors. It is widely used in power conversion applications due to its ultrafast recovery times and soft recovery characteristics.
---
### 1. Key Technical Specifications
The "E2" in the series typically points to the **TO-220AC** or similar power package. Below are the general specifications for this class of component:
| Parameter | Typical Value | Description |
|:---|:---|:---|
| **Voltage (V_RRM)** | 200V - 600V | Maximum repetitive peak reverse voltage. |
| **Current (I_F(AV))** | 8A - 30A | Average forward rectified current. |
| **Recovery Time (t_rr)** | 25ns - 35ns | Ultrafast recovery time to minimize switching losses. |
| **Configuration** | Single | Most "R" variants are single-diode configurations. |
| **Package** | TO-220AC | Standard 2-pin power through-hole package. |
---
### 2. Functional Characteristics
The VS-E2-R series is designed with specific electronic traits to improve circuit efficiency:
* **Ultrafast Recovery:** The diode switches from a conducting state to a blocking state extremely quickly, which reduces power dissipation during high-frequency operation.
* **Soft Recovery:** It features a "soft" recovery waveform, which significantly reduces **Electromagnetic Interference (EMI)** and ringing in the circuit.
* **Low Forward Voltage Drop ($V_F$):** Minimizes conduction losses when the diode is turned on.
* **High Junction Temperature:** Rated to operate at temperatures up to $175^\circ C$, making it suitable for high-density power modules.
---
### 3. Application Examples
Because of its speed and efficiency, the VS-E2-R is found in the following electronic circuits:
1. **Switch Mode Power Supplies (SMPS):** Used as an output rectification diode.
2. **Uninterruptible Power Supplies (UPS):** Manages power flow in inverter stages.
3. **Motor Drives:** Used as a freewheeling diode to protect switching transistors (like IGBTs or MOSFETs) from inductive spikes.
4. **DC/DC Converters:** High-frequency buck or boost converters.
---
### 4. Circuit Symbol and Pinout
The device typically follows the standard diode pinout for the TO-220 package:
```text
Pin 1: Cathode (K) - Connected to the Tab
Pin 2: Anode (A)
```
*(Note: In many power packages, the metal tab is electrically connected to the Cathode for heat dissipation efficiency.)*
- ⤷
What is the difference between FRED Pt diodes and standard recovery diodes?
- ⤷ How do I calculate the heat sink requirements for a VS-E2-R diode?
- ⤷ Can this diode be used in parallel for higher current applications?