AI

The **VS-H5-R** is a high-precision, small-aperture fixed focal length lens (often referred to as a "Machine Vision Lens") manufactured by **VST (Variable Optical Kyodo Co., Ltd.)**.
While it is primarily an optical component, its electronic integration and specifications are critical for automated imaging systems.
---
## 1. Technical Specifications
Below are the key technical parameters for the VS-H5-R:
| Parameter | Specification |
| :--- | :--- |
| **Focal Length** | 5.0 mm |
| **Max Aperture (F-Stop)** | F1.4 - F16 |
| **Sensor Support** | 2/3" (Standard) |
| **Mount Type** | C-Mount |
| **Filter Thread** | M40.5 P=0.5 |
| **Operation** | Manual (Iris & Focus) |
---
## 2. Electronic Integration Components
Though the lens itself is manual, it functions as the "eye" for the following electronic parts within a vision system:
### A. The Image Sensor (CCD/CMOS)
The VS-H5-R is designed to project light onto an electronic sensor.
* **Format Compatibility:** Optimized for 2/3" sensors but compatible with smaller 1/2" or 1/1.8" formats.
* **Resolution Power:** Engineered to resolve high-megapixel counts (often up to 5MP or 10MP depending on the specific series version), ensuring the electronic sensor receives a sharp signal.
### B. The C-Mount Interface
The "C-Mount" is the mechanical-electronic standard for connecting the lens to a camera body.
* **Flange Back Distance:** 17.526 mm. This precise distance is required for the light to hit the electronic sensor's plane perfectly in focus.
### C. Locking Screws (Industrial Stability)
Unlike consumer lenses, the VS-H5-R features **manual locking screws** for both focus and iris.
* **Purpose:** Prevents shifts caused by industrial vibrations, which would otherwise cause "noise" or errors in the electronic image processing software.
---
## 3. Key Features for Electronic Systems
1. **Low Distortion:** Crucial for electronic "Pattern Matching" or "Measurement" software. If the lens distorts the image, the electronic calculations for part dimensions will be incorrect.
2. **High Contrast:** Enhances the signal-to-noise ratio for the camera's ADC (Analog-to-Digital Converter), making it easier for the system to distinguish edges.
3. **Compact Design:** Designed for tight integration inside electronic control cabinets or robotic arms.
---
## 4. Usage in Automated Systems
In a typical setup, the VS-H5-R works in tandem with:
* **Industrial Camera:** Captures the light.
* **LED Controller:** Provides synchronized strobing light.
* **PLC/PC:** Processes the electronic data via GigE, USB 3.0, or CameraLink interfaces.
- ⤷
What is the maximum sensor resolution supported by the VS-H5-R series?
- ⤷ Are there motorized versions of this lens for remote electronic control?
- ⤷ How does the 5mm focal length affect the field of view in an electronic inspection setup?