VS-T..RIA_V01
AI

The **VS-T..RIA_V01** series (part of the Vishay Semiconductors product line) refers to high-power, phase-control thyristors (SCRs) encapsulated in a standard **TO-209AC (TO-94)** or **TO-208AD (TO-83)** stud-mount package.
These components are designed for high-current switching and power conversion in industrial environments.
---
### 1. Key Technical Specifications
The "T" in the part number usually signifies a Thyristor, and "RIA" denotes the specific package and power class.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Phase Control Thyristor (SCR) |
| **Package Style** | Stud Mount (Threaded bolt for heatsink mounting) |
| **Current Range ($I_{T(AV)}$)** | Typically 10A to 100A+ (depending on specific digits after RIA) |
| **Voltage Range ($V_{RRM}$)** | 100V up to 1600V |
| **Gate Trigger Current ($I_{GT}$)** | 60mA to 150mA (typical) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The **VS-T..RIA** series utilizes a rugged design to handle thermal expansion and high mechanical stress.
* **Stud Anode:** The threaded metal bolt acts as the **Anode** and the primary thermal path to the heatsink.
* **Flexible Leads:** The top usually features a heavy-gauge wire for the **Cathode** and a thinner wire for the **Gate**.
* **Hermetic Sealing:** The ceramic or metal cap protects the silicon wafer from moisture and contaminants.
---
### 3. Functional Applications
These parts are used in "heavy-duty" power electronics where high reliability is required:
1. **AC/DC Converters:** Controlling the output voltage of high-power rectifiers.
2. **Motor Starters:** Soft-starting industrial AC induction motors.
3. **Battery Chargers:** Regulating charge current for large industrial battery banks.
4. **Lighting and Heating:** Phase-angle control for large-scale resistive heating elements or stage lighting.
---
### 4. Part Numbering Example
If you encounter a specific variation like **VS-50RIA120**:
* **VS**: Vishay Semiconductors.
* **50**: Average On-state Current (50 Amperes).
* **RIA**: Package/Designator.
* **120**: Voltage rating (120 x 10 = 1200V).
---
### 5. Installation Note
> [!IMPORTANT]
> When installing these parts, use a **torque wrench**. Over-tightening can crack the internal silicon wafer, while under-tightening leads to poor thermal dissipation and eventual thermal runaway. Use a thin layer of thermal grease (heatsink compound) on the base.
- ⤷
What are the specific torque requirements for mounting a VS-RIA series thyristor?
- ⤷ How do I test if a VS-RIA thyristor is shorted using a multimeter?
- ⤷ What is the difference between the VS-RIA and VS-ST series?