VT-706-F-F-R-508
AI

The **VT-706-F-F-R-508** is a high-performance electronic component belonging to the **Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO)** family. It is manufactured by Vectron (now part of Microchip Technology).
---
## 1. Technical Specifications Breakdown
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | VCTCXO | Voltage Controlled Temperature Compensated Crystal Oscillator |
| **Output Frequency** | 10.000 MHz to 52.000 MHz | (Specific value depends on variant, typically 26MHz or 50.8MHz) |
| **Supply Voltage** | +3.3 VDC | Standard operating voltage |
| **Frequency Stability** | ±0.5 ppm to ±2.0 ppm | High precision over temperature range |
| **Output Type** | Clipped Sine Wave | Reduced harmonic distortion and EMI |
| **Package Size** | 7.0 x 5.0 mm | Standard 4-pad or 10-pad ceramic SMD package |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature range |
---
## 2. Key Internal Components
A VCTCXO like the VT-706 series integrates several sub-circuits into a single miniature package:
### A. The Quartz Crystal
The heart of the device. It provides the base resonant frequency. In this model, the crystal is cut specifically to minimize frequency drift.
### B. Temperature Compensation Network
Contains a thermistor and a compensation IC. It senses ambient temperature changes and applies a correction voltage to the oscillator to keep the frequency stable within parts-per-million (ppm).
### C. Varactor Diode (Voltage Control)
The "VC" part of the name. It allows the user to fine-tune the output frequency by applying an external tuning voltage (typically 1.5V ± 1.0V). This is useful for phase-locking the oscillator to a reference clock.
---
## 3. Typical Applications
Because of its high stability and low phase noise, the VT-706 is commonly used in:
* **Wireless Infrastructure:** Base stations and small cells.
* **GNSS/GPS Systems:** Precise timing for satellite positioning.
* **Networking:** High-speed Ethernet switches and routers.
* **Test & Measurement:** Handheld signal analyzers.
---
## 4. Pin Configuration (Typical)
```markdown
1. Voltage Control (Vc) - Adjusts output frequency
2. Ground (GND)
3. Output - Clipped Sine Wave signal
4. Supply Voltage (Vcc) - +3.3V Input
```
- ⤷
What is the difference between a TCXO and a VCTCXO?
- ⤷ How does the 'Clipped Sine Wave' output benefit a circuit design?
- ⤷ What are the soldering precautions for this 7.0x5.0mm SMD package?