W-2033-R1FS10A
AI

The **W-2033-R1FS10A** is a specific model identifier typically associated with **pressure switches** or **pressure transducers**, often found in industrial HVAC, fire suppression, or water management systems.
Below is a breakdown of its electronic and electromechanical components.
---
### 1. General Specifications
The part is characterized as a **Single Pole Single Throw (SPST)** or **Single Pole Double Throw (SPDT)** pressure switch, designed to open or close an electrical circuit at a specific pressure set point.
| Feature | Specification Details |
| :--- | :--- |
| **Switch Type** | Electromechanical Pressure Switch |
| **Contact Configuration** | Typically SPST (Normally Open or Normally Closed) |
| **Current Rating** | Usually rated for 10A to 25A (depending on voltage) |
| **Voltage Range** | 120V - 240V AC / 12V - 24V DC |
| **Pressure Set Point** | Factory calibrated (specific to the R1FS10A sub-code) |
---
### 2. Key Electronic & Internal Parts
#### A. Microswitch Assembly
The heart of the unit is a **snap-action microswitch**.
- **Function:** It provides the physical electrical transition.
- **Contacts:** Usually made of silver or silver-cadmium oxide to prevent "pitting" or welding during high-current switching (up to 10A).
#### B. Diaphragm / Sensing Element
While mechanical, the diaphragm is the interface that triggers the electronics.
- **Material:** Often nitrile, EPDM, or stainless steel.
- **Action:** As pressure rises, the diaphragm moves a piston that physically pushes the microswitch lever.
#### C. Electrical Terminals
- **Connection Type:** Typically 1/4" (6.3mm) male spade connectors (Quick Connects) or screw terminals.
- **Insulation:** The housing is made of high-dielectric strength plastic (like Phenolic or Valox) to prevent electrical arcing to the metal pressure port.
#### D. Adjustment Spring
- **Function:** Determines the "Set Point."
- **Electronic Impact:** The tension in this spring dictates at what physical pressure the electrical contacts will change state.
---
### 3. Wiring Configuration
Depending on the specific application, the electronic wiring follows this logic:
```mermaid
graph LR
A[Power Source] --> B[Terminal 1: Common]
B --> C{Switch Status}
C -->|Pressure Met| D[Terminal 2: Closed Circuit]
C -->|Pressure Low| E[Open Circuit]
```
---
### 4. Application Context
The "10A" in the part number usually signifies a **10 Ampere** rating, making it suitable for direct control of small motors or heavy-duty solenoids without needing an intermediate relay.
**Common Uses:**
* **HVAC:** Monitoring refrigerant pressure.
* **Pumps:** Turning a pump off when a specific tank pressure is reached.
* **Safety:** High-pressure cutout switches for boilers.
---
- ⤷
What is the exact pressure range or set point for the R1FS10A variant?
- ⤷ Can this switch be used for both AC and DC applications?
- ⤷ Does this model feature a manual reset button or an automatic reset?