Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W0805R-RBI

  • AI
    The **W0805R-RBI** refers to a high-precision, thin-film surface mount resistor. While specific manufacturers (like TT Electronics/Welwyn) use variations of this part numbering, the code itself follows an industry-standard convention for high-reliability passive components. --- ### 1. Part Number Breakdown The nomenclature reveals the physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **W** | Series Type | Thin Film (High Precision / Low Noise) | | **0805** | Case Size | 0.08 x 0.05 inches (2.01 x 1.25 mm) | | **R** | Temperature Coefficient | Typically ±25 ppm/°C (High Stability) | | **RBI** | Tolerance/Packaging | Generally denotes a ±0.1% tolerance (B) and specific reel packaging (I). | --- ### 2. Key Electrical Specifications These parts are designed for precision circuits where stability and low noise are critical. * **Resistance Range:** Typically available from $10\Omega$ to $1M\Omega$ (depending on the specific sub-series). * **Tolerance:** $\pm0.1\%$ (ultra-precision). * **Power Rating:** Usually $0.125W$ ($1/8$ Watt) at $70^\circ C$. * **Operating Voltage:** Maximum of $100V - 150V$. * **Technology:** Thin Film (NiCr - Nickel Chromium resistive layer). --- ### 3. Comparison: Thin Film vs. Thick Film The **W0805R** is a **Thin Film** resistor. It is important to distinguish it from standard "Thick Film" resistors (like the generic CR series). | Feature | Thin Film (W0805R) | Thick Film (Standard) | | :--- | :--- | :--- | | **Accuracy** | High ($\pm0.1\%$) | Low ($\pm1\%$ to $\pm5\%$) | | **Stability** | Excellent over time/temp | Moderate | | **Noise** | Very Low | Higher | | **Cost** | Higher | Lower | | **Applications** | Medical, Audio, Instrumentation | Consumer electronics, Power | --- ### 4. Typical Applications Due to the high precision and stability of the W0805R series, they are commonly found in: 1. **Precision Instrumentation:** Bridge circuits and signal conditioning. 2. **Medical Equipment:** Monitoring devices requiring low drift. 3. **Audio Circuits:** High-fidelity pre-amplifiers where low thermal noise is required. 4. **Industrial Controls:** Sensor interfaces and feedback loops. --- ### 5. Footprint (0805 Metric 2012) If you are designing a PCB (Printed Circuit Board), use the following dimensions: ```text Length (L): 2.00mm ± 0.15 Width (W): 1.25mm ± 0.15 Height (H): 0.50mm ± 0.10 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 0805 and a 0603 resistor size?
    • ⤷ How does the Temperature Coefficient (TCR) affect circuit performance?
    • ⤷ Can I substitute a thin film resistor with a thick film one in a precision circuit?