W0805R-RBPB
AI

## W0805R-RBPB: Part Analysis
The **W0805R-RBPB** is a high-precision, thin-film surface-mount (SMD) resistor manufactured by **TT Electronics / Welwyn**. It is part of their "W" series, which is known for its excellent stability and low noise in sensitive electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Case Size** | 0805 (2.0mm x 1.25mm) |
| **Technology** | Thin Film (Tantalum Nitride/Nichrome) |
| **Tolerance** | ±0.1% (Ultra-precise) |
| **Power Rating** | 0.25 Watts (1/4 W) |
| **Temperature Coefficient (TCR)** | ±5 ppm/°C to ±25 ppm/°C (Variations exist) |
| **Voltage Rating** | 100V Max |
| **Operating Temp Range** | -55°C to +155°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the exact features of the component:
* **W**: Refers to the "W" Series (Thin Film).
* **0805**: The physical dimensions (0.08 x 0.05 inches).
* **R**: Represents the Resistance Range/Designator.
* **RB**: Indicates high stability/precision grade.
* **PB**: Lead-free termination (RoHS Compliant).
---
### 3. Core Features and Benefits
1. **High Stability**: The thin-film construction provides much lower noise and better long-term stability compared to standard thick-film resistors.
2. **Precision Tolerance**: At 0.1%, this part is ideal for circuits where exact values are critical for performance (e.g., gain settings in op-amps).
3. **Low Thermal Noise**: Essential for high-fidelity audio equipment and sensitive measurement instrumentation.
4. **Durability**: Often utilizes a passivated layer to protect against moisture and environmental contaminants.
---
### 4. Typical Applications
* **Medical Instrumentation**: Monitoring equipment where signal accuracy is life-critical.
* **Precision Scales**: Load cell amplification circuits.
* **Audio Equipment**: High-end DACs (Digital-to-Analog Converters) and pre-amplifiers.
* **Aerospace & Defense**: Control systems requiring stable performance across wide temperature fluctuations.
---
- ⤷
What is the exact resistance value of the W0805R-RBPB in your specific application?
- ⤷ How does a thin-film resistor compare to a thick-film resistor in terms of cost?
- ⤷ Are there alternative series from TT Electronics for higher power applications?