Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W0805R-RJI

  • AI
    ## W0805R-RJI: Electronic Component Overview The **W0805R-RJI** is a part number typically associated with high-precision, thin-film surface-mount resistors, most notably manufactured by companies like **TT Electronics / Welwyn**. This component is engineered for applications where stability, low noise, and high reliability are critical. --- ### 1. Part Number Breakdown While specific manufacturers vary slightly, the nomenclature generally follows this logic: | Code | Segment | Meaning | | :--- | :--- | :--- | | **W** | Manufacturer Series | Often denotes the "W Series" (Welwyn) Thin Film. | | **0805** | Case Size | Imperial size 0805 (Metric 2012). Dimensions approx. 2.0mm x 1.25mm. | | **R** | TCR Code | Temperature Coefficient of Resistance (usually ±25ppm/°C). | | **RJI** | Value & Tolerance | Indicates specific resistance value and 5% (J) or 0.1% tolerance. | --- ### 2. Key Technical Specifications Below are the typical technical parameters for this class of resistor: | Parameter | Typical Value | | :--- | :--- | | **Resistor Technology** | Thin Film (Metal Film) | | **Power Rating** | 0.25 Watts (1/4 W) at 70°C | | **Voltage Rating** | 100V - 150V (Maximum Working Voltage) | | **Operating Temperature** | -55°C to +155°C | | **Tolerance** | Generally ±0.1% to ±5% (depending on specific suffix) | | **TCR** | ±25 ppm/°C (High stability across temperature) | --- ### 3. Core Features * **High Stability:** Thin film construction provides much better stability over time and temperature compared to standard thick film resistors. * **Low Noise:** Ideal for audio applications or sensitive instrumentation due to extremely low current noise. * **Tight Tolerance:** Available in very precise values for voltage division and feedback loops. * **Sulfur Resistance:** Many variations in this series are designed to resist environmental sulfur contamination. --- ### 4. Typical Applications 1. **Medical Equipment:** High-precision monitoring and diagnostic tools. 2. **Industrial Controls:** Sensor interfaces and measurement circuits. 3. **Telecom:** Base stations and signal processing units. 4. **Audio:** High-end pre-amplifiers where low distortion is required. --- ### 5. Footprint (0805) ```text Dimensions (approx): Length (L): 2.00 mm Width (W): 1.25 mm Height (H): 0.50 mm ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Thin Film and Thick Film resistors in terms of performance?
    • ⤷ How do I calculate the power derating for an 0805 resistor at high temperatures?
    • ⤷ Can you provide the specific resistance value for the RJI suffix?