Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W0805R-RJPB

  • AI
    The **W0805R-RJPB** is a high-precision, thin-film surface-mount resistor manufactured by **Welwyn** (a TT Electronics brand). This specific part number belongs to the **W series**, known for its excellent stability and reliability in demanding electronic circuits. --- ### 1. Part Number Breakdown To understand the electronic characteristics, we can decode the part number according to the manufacturer's logic: | Code | Component | Description | | :--- | :--- | :--- | | **W** | Series | High-stability Thin Film (Nichrome) | | **0805** | Case Size | 0805 Imperial (2.0mm x 1.25mm) | | **R** | Temperature Coefficient | 25 ppm/°C (Standard TCR) | | **RJP** | Resistance Value | Value encoded (e.g., 20kΩ - varies by specific suffix) | | **B** | Tolerance | ±0.1% (High Precision) | --- ### 2. Key Technical Specifications The W0805R series is designed for applications where accuracy and low noise are critical. * **Technology:** Thin Film (deposited on a high-purity alumina substrate). * **Power Rating:** Typically 0.25W (1/4 Watt) at 70°C. * **Maximum Voltage:** 100V. * **Operating Temperature Range:** -55°C to +155°C. * **Load Life Stability:** Excellent resistance change (typically <0.1%) after 1000 hours. * **Noise:** Extremely low current noise (typically < -30 dB). --- ### 3. Application Use Cases Because of the **±0.1% tolerance** and **25ppm/°C temperature coefficient**, this resistor is used in: 1. **Precision Instrumentation:** Bridge circuits and measurement equipment. 2. **Medical Electronics:** Stable monitoring devices. 3. **Audio Equipment:** High-end audio signal paths where low noise is mandatory. 4. **Industrial Controls:** Feedback loops for motor controllers and power supplies. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | W0805R (Thin Film) | Standard 0805 (Thick Film) | | :--- | :--- | :--- | | **Accuracy** | High (±0.05% to ±0.1%) | Low (±1% to ±5%) | | **Temperature Drift** | Very Low (25 ppm/°C) | High (100-200 ppm/°C) | | **Noise** | Minimal | Moderate | | **Cost** | Higher | Very Low | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the RJP suffix in this series?
    • ⤷ How does humidity affect the stability of the W0805R series?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this specific resistor?