Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W1000-R

  • AI
    The **W1000-R** is a high-performance, enterprise-grade wireless bridge/access point often utilized in industrial networking or long-range telecommunications. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Electronic Components The hardware architecture is designed for high-frequency signal processing and environmental durability. | Component Type | Description | Function | | :--- | :--- | :--- | | **Main Processor (CPU)** | High-frequency Network Processor (e.g., Qualcomm or Atheros base) | Handles data packet switching, encryption, and OS management. | | **Radio Chipset** | 5GHz / 2.4GHz RF Transceivers | Manages the modulation/demodulation of wireless signals. | | **RAM (Memory)** | DDR2/DDR3 SDRAM | Provides temporary storage for routing tables and system processes. | | **Flash Memory** | SPI Flash | Stores the firmware (OS) and configuration files. | | **Power Module** | PoE (Power over Ethernet) Controller | Regulates 24V or 48V input into internal low-voltage DC. | --- ### 2. Physical Ports & Interfaces The electronic board interfaces with the outside world through the following physical components: * **RJ45 Ports:** Usually 10/100/1000 Mbps Ethernet ports with ESD (Electrostatic Discharge) protection. * **SMA/N-Type Connectors:** High-frequency gold-plated connectors for attaching external high-gain antennas. * **LED Indicators:** Surface-mounted diodes (SMDs) used to indicate: * Power Status * LAN Connectivity * Signal Strength (RSSI) * **Reset Button:** A physical tactile switch connected to the GPIO pins of the processor to trigger factory resets. --- ### 3. RF (Radio Frequency) Characteristics The internal RF circuitry is shielded to prevent EMI (Electromagnetic Interference). * **Amplifiers:** Integrated LNAs (Low Noise Amplifiers) to increase sensitivity and PAs (Power Amplifiers) to boost transmission range. * **Frequency Range:** Typically operates in the **4.9 GHz to 6.1 GHz** range (subject to local regulations). * **MIMO Technology:** Uses 2x2 or 3x3 Multiple-Input Multiple-Output circuitry to increase throughput via spatial multiplexing. --- ### 4. Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Standard** | 802.11a/n/ac | | **Power Consumption** | < 12W | | **Lightning Protection** | 4KV ~ 6KV (Differential/Common Mode) | | **Modulation** | OFDM (BPSK/QPSK/16-QAM/64-QAM) | | **Operating Temp** | -40°C to +70°C (Industrial Grade) | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum throughput supported by the W1000-R?
    • ⤷ Does this device support standard 48V PoE or passive 24V?
    • ⤷ What is the effective transmission range of the W1000-R in open space?