AI

The **W25Q40BLSVIP** is a high-performance Serial Flash memory chip manufactured by **Winbond Electronics**. It belongs to the SpiFlash® series and is commonly used for storing BIOS/firmware in consumer electronics, industrial controllers, and IoT devices.
---
## 1. Core Technical Specifications
The technical parameters define the operational limits and performance of the chip.
| Feature | Specification |
| :--- | :--- |
| **Memory Capacity** | 4 Megabits (512 KB) |
| **Interface** | Standard, Dual, and Quad SPI |
| **Voltage Range** | 2.3V to 3.6V |
| **Clock Speed** | Up to 80MHz (Normal) / 160MHz (Dual) / 320MHz (Quad) |
| **Package Type** | VSOP-8 (208-mil) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Data Retention** | 20 Years |
---
## 2. Key Features and Architecture
### A. Memory Organization
The 4M-bit memory is organized into logical segments to allow for efficient erasing and writing:
* **2,048 Pages:** Each page is 256 bytes.
* **128 Sectors:** Each sector is 4KB (Smallest erasable unit).
* **8 Blocks:** Each block is 64KB.
### B. High-Performance SPI
Unlike standard Serial Flash, this chip supports **Quad-SPI**. This allows the device to transfer data at rates that significantly outperform standard asynchronous Flash, essentially using four pins (IO0, IO1, IO2, IO3) to transmit data simultaneously.
### C. Advanced Security
* **Software and Hardware Write Protection:** Can be configured to protect specific memory ranges.
* **64-Bit Unique ID:** Every chip has a unique number, useful for anti-cloning and serial numbering.
* **3x256-Byte Security Registers:** OTP (One-Time Programmable) areas for sensitive data.
---
## 3. Pin Configuration (VSOP-8)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **/CS** | Chip Select (Activates the device) |
| 2 | **DO (IO1)** | Data Output (or bidirectional IO1 in Dual/Quad mode) |
| 3 | **/WP (IO2)** | Write Protect (Prevents writes to status registers) |
| 4 | **GND** | Ground |
| 5 | **DI (IO0)** | Data Input (or bidirectional IO0 in Dual/Quad mode) |
| 6 | **CLK** | Serial Clock (Synchronizes data transfer) |
| 7 | **/HOLD (IO3)** | Hold (Pauses communication without resetting /CS) |
| 8 | **VCC** | Power Supply (2.3V - 3.6V) |
---
## 4. Part Number Breakdown: `W25Q40BLSVIP`
* **W:** Winbond
* **25Q:** Architecture (SpiFlash with Dual/Quad SPI)
* **40:** Density (4 Megabits)
* **B:** Generation (B Series)
* **L:** Voltage (2.3V to 3.6V)
* **SV:** Package Type (VSOP-8 208-mil)
* **I:** Temperature Grade (Industrial: -40°C to +85°C)
* **P:** Packing Type (Lead-free, RoHS compliant, Green)
---
- ⤷
What are the main differences between the B series and the newer JV series of Winbond Flash?
- ⤷ How do I implement a Quad-SPI read command in C code for this chip?
- ⤷ Can this chip be powered by a 1.8V supply
- ⤷ or does it strictly require 2.3V+?