AI

The **W2AC-A11Y-R2/Q** is a specific variant of an industrial-grade AC cooling fan, typically manufactured by companies like **Wintek** or **Fulltech**. This model belongs to the series of AC axial fans used for thermal management in server racks, control cabinets, and industrial machinery.
Below is a breakdown of its electronic and mechanical specifications:
### 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC (50/60 Hz) |
| **Current Draw** | Approximately 0.12A to 0.14A |
| **Power Consumption** | ~20W - 22W |
| **Speed** | 2,500 - 3,000 RPM (Rotations Per Minute) |
| **Airflow** | High-volume axial displacement |
| **Bearing Type** | Dual Ball Bearing (Indicated by the "B" or "2" in specific codes) |
| **Termination** | Lead Wires or Terminals (typically R2 denotes a specific lead length/type) |
---
### 2. Key Electronic Components
The internal construction of the W2AC-A11Y-R2/Q involves several critical electronic parts:
* **Shaded Pole Motor:** This is an asynchronous single-phase induction motor. It uses a copper "shading ring" around part of each pole to create a rotating magnetic field, allowing the fan to start spinning upon receiving AC power.
* **Stator Windings:** High-quality copper coils insulated with Class B or Class F materials to withstand heat.
* **Impedance Protection:** Most "A11Y" models are **Impedance Protected**. This means the motor is designed so that if the fan blade is jammed, the heat generated by the coils will not reach a level that causes a fire or total component failure.
* **Capacitor (Internal):** Depending on the exact sub-variation, it may use a permanent split capacitor to improve efficiency and torque.
---
### 3. Model Number Nomenclature Breakdown
While manufacturers vary slightly, the code generally follows this logic:
| Code Segment | Meaning |
| :--- | :--- |
| **W2 / 120** | Dimensions (usually 120mm x 120mm x 38mm) |
| **AC** | Power source (Alternating Current) |
| **A11** | Voltage identifier (110V/220V series) |
| **Y** | Speed/Performance tier (High Speed) |
| **R2 / Q** | Revision code, Lead wire configuration, or "Quiet" specification |
---
### 4. Safety and Environmental Features
* **Housing:** Die-cast aluminum alloy (acts as a heat sink for the motor).
* **Impeller:** Thermoplastic PBT (UL94V-0 rated), which is flame retardant.
* **Dielectric Strength:** Usually rated to withstand 1500V AC for 1 minute between the frame and the terminals.
- ⤷
What is the exact physical dimension of the W2AC-A11Y-R2/Q?
- ⤷ How does impedance protection differ from thermal protection in AC fans?
- ⤷ Can this fan be used with a variable speed controller?