W2AC-A23A-R
AI

The **W2AC-A23A-R** is a specific model within the series of high-performance AC axial fans, typically manufactured by companies like **Wintech** or associated with industrial cooling solutions. It is designed for thermal management in electronic enclosures and industrial machinery.
---
### 1. Technical Specifications
The following table highlights the core electronic and physical characteristics of the W2AC-A23A-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC |
| **Frequency** | 50/60 Hz |
| **Power Consumption** | Approximately 20W - 30W (varies by load) |
| **Rated Current** | ~0.12A to 0.15A |
| **Speed (RPM)** | 2,500 - 3,000 RPM |
| **Airflow** | ~80 - 100 CFM |
| **Bearing Type** | Dual Ball Bearing (Standard for "-R" suffix) |
| **Termination** | Lead Wires or Terminals |
---
### 2. Key Electronic Components & Design
The "Electronic parts" of this unit refer to the internal motor architecture and protection circuitry:
* **Shaded Pole or Capacitor Run Motor:** These fans typically use a single-phase AC motor. The "Shaded Pole" design is common for its reliability and lack of complex starting switches, making it highly durable for continuous 24/7 operation.
* **Impedance Protection:** The motor is electronically designed to withstand "locked rotor" conditions. If the blades are obstructed, the internal impedance prevents the coils from overheating and catching fire.
* **Dual Ball Bearing System:** The "-R" often denotes a ruggedized or high-reliability version. Ball bearings are electronic-grade components that allow the fan to operate at higher temperatures (up to 70°C) compared to sleeve bearings.
* **Stator Coils:** High-quality copper windings with Class B or Class F insulation to handle the 230V AC input without dielectric breakdown.
---
### 3. Wiring Diagram Logic
While the device is a simple two-wire AC component, the internal logic follows this standard:
```mermaid
graph LR
A[AC Live 230V] --> B{Internal Motor Coil}
C[AC Neutral] --> B
B --> D[Ground/Frame Connection]
```
* **Black/Black Wires:** Typically used for both AC lines (non-polarized).
* **Green/Yellow (if present):** Safety ground connected to the aluminum die-cast frame.
---
### 4. Typical Applications
Due to its 230V AC nature and high-speed airflow, this part is found in:
1. **Server Racks:** Cooling high-density computing equipment.
2. **Control Panels:** Removing heat from PLCs and Power Supplies.
3. **Welding Machines:** Cooling the internal transformers.
- ⤷What is the difference between ball bearing and sleeve bearing versions of this fan?
- ⤷ Can this fan be controlled using a PWM signal or a VFD?
- ⤷ What is the IP rating for the W2AC-A23A-R regarding dust and water protection?