W2AC-A42B-R2
AI

## Overview of the W2AC-A42B-R2
The **W2AC-A42B-R2** is a specialized power supply/charger component, commonly integrated into ruggedized tablets or specialized industrial computing docks (specifically associated with Getac or similar field-computing brands). It functions primarily as an AC-to-DC power adapter module designed for high-reliability environments.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Universal) |
| **Output Voltage** | 19V DC |
| **Output Current** | 4.74A (approx. 90W) |
| **Form Factor** | Internal/External Docking Module |
| **Protection Rating** | Industrial Grade (Surge/Overload Protection) |
---
### Detailed Electronic Components
The device is composed of several critical electronic sub-systems that ensure stable power delivery to sensitive computing equipment:
#### 1. Input Rectification and Filtering
* **Bridge Rectifier:** Converts the incoming AC voltage into a pulsating DC voltage.
* **EMI/RFI Filters:** Uses capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the mains and to protect the internal circuits from line noise.
#### 2. Switching Regulation (SMPS)
* **PWM Controller:** A Pulse Width Modulation IC regulates the output voltage by rapidly switching a power MOSFET.
* **Power MOSFETs:** Act as the primary switches to drive the high-frequency transformer.
* **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC input and the low-voltage DC output.
#### 3. Output Rectification and Smoothing
* **Schottky Diodes:** Used for fast rectification of the high-frequency AC coming off the transformer secondary.
* **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors smooth the DC ripple to provide a steady 19V output.
#### 4. Protection Circuitry
* **Optoisolator:** Provides a feedback loop from the output to the input side to maintain voltage accuracy while keeping the circuits electrically isolated.
* **OCP/OVP:** Over-Current and Over-Voltage protection circuits that shut down the unit if a short circuit or voltage spike occurs.
---
### Connection and Interface
The **R2** suffix in the model number typically indicates a hardware revision. Electronic parts include:
* **Input Port:** Standard 3-prong AC inlet or terminal block.
* **Output Connector:** Specialized barrel jack or multi-pin docking connector depending on the specific chassis it is mounted in.
- ⤷
What are the compatible device models for the W2AC-A42B-R2?
- ⤷ How does the R2 revision differ from the original W2AC-A42B?
- ⤷ Is there a replacement part number for this specific power module?