AI

The **W2AC-A42C-R** is a specific model of an AC axial fan, typically manufactured by brands like **Wintech** or **Delta**, often used in industrial enclosures, server racks, and telecommunications equipment.
Below is a breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
This table outlines the primary electronic characteristics of the W2AC-A42C-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage** | 220V - 240V AC | Standard high-voltage AC input |
| **Frequency** | 50 / 60 Hz | Compatible with global power grids |
| **Current Draw** | ~0.14A | Low power consumption for continuous duty |
| **Input Power** | 22W - 25W | Energy-efficient cooling |
| **Bearing Type** | Dual Ball Bearing | Long lifespan (approx. 50,000+ hours) |
| **Speed** | 2,500 - 3,000 RPM | High-speed rotation for high static pressure |
| **Airflow** | ~90 - 110 CFM | Cubic Feet per Minute |
---
### 2. Electronic Components & Design
#### Motor Construction
The unit utilizes an **AC Shaded-Pole Motor** or a **Permanent Split Capacitor (PSC) motor**. These are preferred in industrial fans because:
* **Brushless Design:** No brushes to wear out, reducing electromagnetic interference (EMI).
* **Impedance Protection:** The motor is electronically protected so that if the fan blades are obstructed (locked rotor), the coils will not burn out immediately.
#### Wiring and Connection
The "R" suffix in the model number often denotes the wiring configuration:
* **Terminal Type:** It usually features two flat male terminals for quick-connect spade connectors.
* **Grounding:** The aluminum housing typically includes a grounding point to prevent electrostatic discharge (ESD) and ensure safety in high-voltage environments.
#### Housing and Material
* **Frame:** Die-cast aluminum alloy (acts as a heat sink for the motor).
* **Impeller:** Thermoplastic (PBT) or steel, usually rated UL94V-0 for flame retardancy.
---
### 3. Usage & Environmental Ratings
| Feature | Rating |
| :--- | :--- |
| **Insulation Class** | Class B (Rated up to 130°C) |
| **Dielectric Strength** | 1,500 VAC for 1 minute |
| **Operating Temp** | -10°C to +70°C |
| **Certifications** | CE, UL, RoHS compliant |
---
### 4. Comparison to Standard DC Fans
Unlike DC fans (which use PWM controllers and Hall Effect sensors), the **W2AC-A42C-R** is a "dumb" component:
1. **No Speed Control:** It runs at a fixed speed based on the AC frequency (50/60Hz).
2. **Robustness:** It is significantly more resistant to voltage spikes than sensitive DC electronics.
3. **Direct Plug:** It does not require a power supply unit (PSU) or transformer, plugging directly into mains power.
- ⤷
What are the dimensions of the W2AC-A42C-R housing?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What is the noise level (dB) for this specific model?