Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2AC-AADB-R2/N

  • AI
    The **W2AC-AADB-R2/N** is a specific model of an Industrial Power Supply or AC/DC adapter typically associated with brands like **FSP Group** or **Sparkle Power**. It is designed for high reliability in computing or networking environments. --- ### 1. Technical Specifications Below are the primary electronic characteristics of this unit: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal Input) | | **Input Frequency** | 50Hz – 60Hz | | **Output Power** | Typically 120W - 150W (Model dependent) | | **Output Voltage** | +12V DC (Standard) | | **Efficiency** | 80 Plus / Energy Star Compliant (High Efficiency) | | **Cooling** | Active cooling (internal fan) or passive (heatsink) | --- ### 2. Core Electronic Components The internal architecture consists of several stages that manage the conversion of raw AC power to stable DC power: #### A. Input Filter & Rectification * **MOV (Metal Oxide Varistor):** Protects the circuit against high-voltage surges from the mains. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Bulk Capacitor:** Smooths the pulsating DC into a high-voltage stable DC bus. #### B. Switching & Transformation * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain output stability. * **MOSFETs:** High-speed switches that chop the DC voltage into high-frequency pulses. * **Power Transformer:** Provides galvanic isolation between the AC input and the DC output while stepping down the voltage. #### C. Output Filtering * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back to DC. * **Low ESR Capacitors:** Filter out high-frequency noise and ripple to ensure a clean DC output for sensitive electronics. --- ### 3. Safety and Protection Features This part incorporates multiple protection circuits to prevent damage to the connected hardware: * **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds safe limits. * **OCP (Over Current Protection):** Prevents damage if the load draws more current than the power supply is rated for. * **SCP (Short Circuit Protection):** Instantly cuts power if a short is detected to prevent fire or component melting. --- ### 4. Connector and Physical Interface * **AC Input:** Standard C14 "Kettle" socket or fixed cord. * **DC Output:** Usually features a 4-pin or 8-pin DIN connector, or a standard barrel jack, depending on the specific revision (R2). * **Enclosure:** Metal or high-grade plastic housing designed for heat dissipation.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the DC connector on this model?
    • ⤷ Is the W2AC-AADB-R2/N compatible with standard ATX motherboards?
    • ⤷ How do I troubleshoot if the unit is not outputting the rated voltage?