W2AC-AZ1A-R/Q
AI

The **W2AC-AZ1A-R/Q** is a high-precision, automotive-grade Crystal Oscillator (XO) produced by **TXC Corporation**. These components are specifically designed for timing and synchronization in harsh environments, particularly within the automotive sector.
---
### 1. Part Number Breakdown
The suffixing and prefixing in TXC part numbers typically denote specific physical and performance characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **W2** | Series designation (2.5 x 2.0 mm miniature SMD package) |
| **AC** | CMOS Output type |
| **AZ** | Automotive Grade (AEC-Q100 or AEC-Q200 compliant) |
| **1A** | Frequency Stability and Operating Temperature range indicator |
| **R/Q** | Packing method (Tape & Reel) and internal revision tracking |
---
### 2. Technical Specifications
The W2 series is known for its low power consumption and small footprint. Below are the typical electrical parameters for this series:
| Parameter | Typical Value |
| :--- | :--- |
| **Package Size** | 2.5 x 2.0 x 0.8 mm (4-pad SMD) |
| **Frequency Range** | 1 MHz to 170 MHz |
| **Supply Voltage (Vdd)** | 1.8V, 2.5V, or 3.3V |
| **Output Type** | CMOS |
| **Operating Temp Range** | -40°C to +125°C (Automotive Grade 1) |
| **Frequency Stability** | ±25 ppm to ±100 ppm |
| **Standard Compliance** | AEC-Q100 |
---
### 3. Key Electronic Features
* **Tri-state Function:** Allows the output to be placed in a high-impedance state, which is useful for testing or reducing power consumption when the clock is not needed.
* **AEC-Q100 Qualification:** This ensures the part has undergone rigorous stress testing (Temperature Cycling, Humidity, Mechanical Shock) to ensure reliability in vehicles.
* **Low Phase Jitter:** Optimized for high-speed data transmission to minimize timing errors.
* **RoHS Compliant & Lead-Free:** Meets environmental safety standards for global manufacturing.
---
### 4. Common Applications
Due to the **AZ** (Automotive) designation, this part is found in:
* **ADAS:** Advanced Driver Assistance Systems (Cameras, Lidar, Radar).
* **Infotainment:** Dashboard displays and head units.
* **Navigation:** GPS and GNSS modules.
* **V2X Communication:** Vehicle-to-everything communication modules requiring precise timing.
---
### 5. Schematic Connection (Typical)
```mermaid
graph LR
Vdd[Pin 4: Vdd] --- Power[Supply]
GND[Pin 2: GND] --- Ground[Ground]
OE[Pin 1: OE/ST] --- Logic[Enable/Disable]
OUT[Pin 3: Output] --- IC[Processor/MCU]
```
- ⤷
What is the exact frequency of the W2AC-AZ1A-R/Q variant you are looking at?
- ⤷ How does AEC-Q100 qualification differ from standard industrial grades for this part?
- ⤷ Can this oscillator operate at 1.8V and 3.3V interchangeably?