AI

The **W2AP-414-R2/CE** is a high-performance, enterprise-grade wireless access point (AP) designed for industrial and outdoor applications. This device is typically part of a mesh network or point-to-point/multipoint system, utilizing high-speed wireless standards.
---
### 1. Core Electronic Specifications
The hardware architecture is designed for high throughput and stability in demanding environments.
| Component / Feature | Specification |
| :--- | :--- |
| **Standard** | IEEE 802.11ac Wave 2 (WiFi 5) |
| **Frequency Bands** | Dual-band 2.4 GHz and 5 GHz |
| **MIMO Support** | 2x2 or 4x4 MU-MIMO (depending on specific sub-revision) |
| **Data Rate** | Up to 1200 Mbps - 1733 Mbps (aggregate) |
| **Ethernet Ports** | 1x 10/100/1000 Base-T (RJ45) with PoE support |
| **Input Power** | 802.3at PoE (Power over Ethernet) or 12V-24V DC |
---
### 2. Key Internal Hardware Components
#### A. Processor & Chipset
The "R2" designation often implies a second-generation revision. These units typically utilize **Qualcomm Atheros** or **Broadcom** enterprise chipsets that feature:
* **Dedicated CPU:** Handles routing, security protocols (WPA3), and management.
* **Hardware Offload:** Dedicated engines for NAT and VPN encryption to reduce CPU load.
#### B. Radio Frequency (RF) Front-End
* **Power Amplifiers (PA):** Integrated high-power amplifiers to extend signal range for outdoor use.
* **Low Noise Amplifiers (LNA):** Enhances sensitivity for receiving weak signals from distant client devices.
* **Antenna Connectors:** Usually features N-type or RP-SMA connectors for external high-gain antennas.
#### C. Power Management
* **PoE Controller:** Manages power negotiation via the Ethernet cable, allowing the device to be placed up to 100 meters away from a power source.
* **Surge Protection:** Built-in TVS (Transient Voltage Suppressors) to protect internal circuitry from static discharge or lightning-induced surges.
---
### 3. Certification & Environmental Design
The **"CE"** suffix indicates compliance with European Union safety, health, and environmental protection requirements.
* **Enclosure:** Typically IP67 rated (dust-tight and water-resistant).
* **Thermal Management:** The PCB is often attached to a thermal pad and an aluminum heatsink (often the casing itself) to dissipate heat without fans.
---
### 4. Software & Protocols
The electronic functionality is controlled by firmware that supports:
```json
{
"features": [
"VLAN Tagging (802.1Q)",
"Band Steering",
"Fast Roaming (802.11k/r/v)",
"SNMP Management",
"QoS (Quality of Service) Prioritization"
]
}
```
- ⤷What is the maximum range of the W2AP-414-R2/CE when used with high-gain antennas?
- ⤷ Does this model support centralized controller management or standalone mode?
- ⤷ What are the specific power requirements for the PoE injector used with this device?