W2AP-42G-R2/Q
AI

The **W2AP-42G-R2/Q** is a high-performance, enterprise-grade wireless access point module typically based on the **Qualcomm Atheros** chipset architecture. It is designed for high-density environments requiring reliable 802.11ac Wi-Fi connectivity.
---
### ## Technical Specifications Overview
The internal electronic components are optimized for dual-band concurrent operation. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Qualcomm Atheros (IPQ/QCA series) |
| **Wi-Fi Standard** | IEEE 802.11a/b/g/n/ac |
| **Frequency Bands** | 2.4 GHz & 5 GHz (Dual Band) |
| **MIMO Support** | 2x2 or 3x3 (Configuration dependent) |
| **Interface** | Mini PCIe or M.2 (Internal module) |
| **Data Rate** | Up to 1.2 Gbps+ aggregate |
---
### ### Core Electronic Components
The hardware architecture of the W2AP-42G series generally consists of the following key stages:
#### 1. Radio Frequency (RF) Front End
The module integrates **Power Amplifiers (PA)** and **Low Noise Amplifiers (LNA)**.
* **PA:** Increases the signal strength for transmission to cover larger areas.
* **LNA:** Enhances the sensitivity of the receiver to pick up weak signals from distant client devices.
* **RF Switches:** Handle the rapid switching between transmit (TX) and receive (RX) modes.
#### 2. Baseband and MAC Processor
The "brain" of the module is the Qualcomm Atheros SoC. It handles:
* **OFDM Modulation:** Processing the complex digital signals into radio waves.
* **Encryption Engine:** Hardware-based WPA2/WPA3 encryption to ensure security without slowing down throughput.
* **DFS (Dynamic Frequency Selection):** Identifying and avoiding radar interference on 5GHz channels.
#### 3. Power Management Unit (PMU)
The board includes voltage regulators and capacitors designed to stabilize input power (typically 3.3V via the PCIe slot) and convert it to the lower voltages required by the core processor (often 1.1V or 1.8V).
#### 4. Antenna Connectors
The "R2/Q" variant usually features **U.FL (IPEX)** or **MMCX** connectors. These allow for the attachment of external high-gain antennas, which is critical for industrial or outdoor deployments.
---
### ### Common Use Cases
* **Industrial IoT Gateways:** Providing a bridge between wired sensors and wireless clouds.
* **Enterprise APs:** Serving as the internal radio card for ceiling-mounted access points.
* **Outdoor Wireless Bridges:** Long-range point-to-point data transmission.
---
- ⤷
What are the specific power requirements for the W2AP-42G-R2/Q?
- ⤷ Does this module support Wi-Fi 6 or is it limited to Wi-Fi 5?
- ⤷ What type of antenna connector does the 'R2/Q' revision use?