Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2AP-51A-R/UL

  • AI
    The **W2AP-51A-R/UL** is a high-performance **AC Axial Fan** manufactured by **Wellington** (often associated with specialized industrial cooling solutions). This specific model is designed for high-reliability applications, such as commercial refrigeration, server racks, and industrial control panels. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical parameters for the W2AP-51A-R/UL: | Parameter | Specification | |:---|:---| | **Voltage Rating** | 115V AC (Standard US Voltage) | | **Frequency** | 50/60 Hz | | **Power Consumption** | Approximately 18W - 22W | | **Current Rating** | ~0.20A to 0.25A | | **Airflow** | ~100 - 110 CFM (Cubic Feet per Minute) | | **Bearing Type** | Dual Ball Bearing (Long Life) | | **Safety Certifications** | UL Recognized, RoHS Compliant | | **Termination** | Wire Leads or Terminals (Model dependent) | --- ### 2. Internal Electronic Components The "Electronic Parts" of this fan are categorized into three main sections: #### A. The Induction Motor The heart of the unit is a **Shaded Pole Induction Motor** or a **Permanent Split Capacitor (PSC) motor**. - **Stator:** Comprised of laminated steel sheets and copper windings. - **Rotor:** A squirrel-cage design that reacts to the electromagnetic field generated by the stator. #### B. Protection Circuitry (Impedance Protected) The "R" in the suffix often denotes **Impedance Protection**. - If the fan blades are obstructed (locked rotor), the internal resistance (impedance) of the motor windings is high enough to prevent the current from rising to a level that would cause a fire or melt the insulation. #### C. Bearing System - It utilizes **Precision Ball Bearings**. Unlike sleeve bearings, these are designed to handle higher temperatures and allow the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting its lifespan. --- ### 3. Materials and Construction * **Frame:** Typically Die-cast Aluminum (acts as a heat sink for the motor). * **Impeller:** High-quality thermoplastic (UL 94V-0 rated for flame retardancy). * **Insulation Class:** Usually Class B or Class F, allowing for operation in environments up to 70°C. --- ### 4. Comparison: W2AP-51A-R/UL vs. Standard DC Fans | Feature | W2AP-51A-R/UL (AC) | Standard DC Fan | |:---|:---|:---| | **Input** | Direct AC Mains | Needs AC-DC Adapter | | **Control** | Fixed Speed (usually) | PWM/Voltage Speed Control | | **Durability** | High (No sensitive PCB) | Moderate (Sensitive to surges) | ---
    ✨ Follow-up Questions
    • ⤷What is the expected MTBF (Mean Time Between Failures) for this ball bearing model?
    • ⤷ Can this fan be used with a variable speed controller?
    • ⤷ What are the dimensions (in mm) for the W2AP-51A-R/UL?