AI

The **W2AP-51A-R2** is a high-performance industrial wireless access point module typically utilized in enterprise networking, IoT gateways, and outdoor communication systems. It is based on the **IEEE 802.11ac (Wi-Fi 5)** standard and often utilizes Qualcomm Atheros chipsets.
---
### ## Technical Specifications
Below are the primary electronic and hardware specifications for the W2AP-51A-R2:
| Feature | Specification |
| :--- | :--- |
| **Standard** | IEEE 802.11a/n/ac (5GHz) |
| **Chipset** | Qualcomm Atheros QCA9882 (Commonly used) |
| **Interface** | Mini PCIe (Full-size) |
| **Frequency Range** | 5.150 GHz ~ 5.850 GHz |
| **Data Rate** | Up to 867 Mbps |
| **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) |
| **Output Power** | High Power (Typically up to 27dBm per chain) |
| **Connectors** | 2 x U.FL (IPEX) antenna connectors |
| **Operating Voltage** | 3.3V DC |
---
### ### Core Electronic Components
The module's architecture is built around several key electronic blocks that ensure stable high-speed wireless transmission:
1. **Main SoC (System on Chip):**
The heart of the module is usually the **QCA9882**. It handles the MAC (Media Access Control) and Baseband processing, converting digital data into radio frequency signals.
2. **Power Amplifiers (PA):**
To achieve "High Power" status, the module integrates external PAs. These boost the signal strength to allow for long-range connectivity, making it suitable for outdoor links.
3. **Low Noise Amplifiers (LNA):**
These components are critical for the receiving path. They amplify weak signals received from distant clients while minimizing background noise.
4. **Power Management Integrated Circuit (PMIC):**
Regulates the 3.3V input from the Mini PCIe slot to the specific voltages required by the internal chips (often 1.1V or 1.8V).
5. **RF Front-End Modules (FEM):**
A combination of switches, PAs, and LNAs that manage the 5GHz radio path to the U.FL connectors.
---
### ### Key Features for Integration
* **Heat Management:** Due to the high output power, these modules often feature a **heatsink** or a thick metal shield to dissipate heat and prevent thermal throttling.
* **Dual-Band Potential:** While this specific model is focused on the 5GHz band for high throughput and less interference, it is often paired with a 2.4GHz module in dual-radio systems.
* **Host Compatibility:** It uses a standard **Mini PCIe 1.1** interface, making it compatible with MikroTik (RouterBOARD), Ubiquiti, and various industrial PC (IPC) motherboards.
- ⤷
What are the recommended antennas for the W2AP-51A-R2 to maximize range?
- ⤷ Is this module compatible with OpenWRT or other open-source firmware?
- ⤷ What is the typical power consumption of this module under full load?