W2AP-52D-R/Q
AI

The **W2AP-52D-R/Q** is a high-performance, industrial-grade dual-band wireless access point module, typically used in enterprise networking, telecommunications, or embedded industrial IoT solutions. It is designed to provide robust Wi-Fi connectivity in demanding environments.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics and capabilities of the module:
| Feature | Specification |
| :--- | :--- |
| **Wireless Standard** | IEEE 802.11ac/a/b/g/n (Wi-Fi 5) |
| **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) |
| **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) |
| **Data Rate** | Up to 867 Mbps (5GHz) + 300 Mbps (2.4GHz) |
| **Interface Type** | Mini PCIe (Peripheral Component Interconnect Express) |
| **Chipset** | Often based on Qualcomm Atheros (QCA) architecture |
| **Output Power** | High-power design for extended range |
---
### 2. Major Electronic Components
The internal architecture of the W2AP-52D-R/Q consists of several critical sub-systems:
#### A. Main SoC (System on Chip)
The heart of the module is usually a high-integration wireless SoC. This chip handles:
* **Baseband Processing:** Converting digital data into radio signals.
* **MAC Layer:** Managing the protocol timing and packet collisions.
* **CPU:** Managing the local firmware and interface communication with the host.
#### B. Radio Frequency (RF) Front-End
* **Power Amplifiers (PA):** Boosts the signal strength for transmission to ensure long-range coverage.
* **Low Noise Amplifiers (LNA):** Sensitive components that amplify weak incoming signals while minimizing background noise.
* **Diplexers:** Allow the 2.4GHz and 5GHz signals to share antenna paths without interference.
#### C. Power Management Circuitry
* The module regulates the voltage provided by the Mini PCIe slot (usually 3.3V) down to the lower voltages (1.1V, 1.8V) required by the high-speed silicon cores.
---
### 3. Connection and Integration
The "R/Q" designation often refers to specific hardware revisions or regional regulatory settings (like RoHS compliance or specific frequency locking).
1. **Mini PCIe Connector:** Standard 52-pin edge connector providing power and data bus (PCIe/USB signals).
2. **Antenna Ports:** Usually equipped with **U.FL (IPEX)** connectors. These are micro-miniature RF connectors used to link the module to external dipole or patch antennas.
3. **Thermal Management:** Because of the high-power output, these modules often feature integrated metal shielding that also acts as a heat spreader.
---
### 4. Typical Applications
* **Industrial Routers:** Used in outdoor or factory-floor networking equipment.
* **Digital Signage:** Providing high-speed wireless backhaul for remote displays.
* **Medical Equipment:** Reliable, high-bandwidth data transmission for imaging or monitoring.
- ⤷
What are the power consumption requirements for the W2AP-52D-R/Q?
- ⤷ Which driver sets are required to integrate this module with a Linux-based host?
- ⤷ Does this module support Wave 2 features like MU-MIMO?