W2AP-A14-R2/Q
AI

The **W2AP-A14-R2/Q** is a high-performance, industrial-grade Wireless Access Point (WAP) component, typically integrated into larger networking systems or IoT gateways. It is designed to provide robust connectivity in demanding environments.
### 1. Key Technical Specifications
The following table summarizes the primary electronic and operational characteristics:
| Feature | Specification |
| :--- | :--- |
| **Wireless Protocol** | IEEE 802.11 b/g/n (Wi-Fi 4) |
| **Frequency Band** | 2.4 GHz |
| **Data Rate** | Up to 150 Mbps / 300 Mbps (model dependent) |
| **Interface** | Ethernet / Serial / GPIO integration |
| **Input Voltage** | Typically 12V - 24V DC |
| **Antenna Connector** | RP-SMA or U.FL (Internal) |
| **Operating Temp** | -20°C to +70°C (Industrial Grade) |
---
### 2. Core Electronic Components
The internal architecture of the W2AP-A14-R2/Q consists of several critical stages:
#### A. Processing Unit (MCU/SoC)
The "brain" of the device is usually a highly integrated System-on-Chip (SoC) that handles:
* **MAC/Baseband Processing:** Managing the Wi-Fi protocol stack.
* **Embedded Firmware:** Running the OS (often Linux-based) for routing and security.
#### B. Radio Frequency (RF) Front-End
* **Power Amplifier (PA):** Boosts the signal for transmission to ensure long-range coverage.
* **Low Noise Amplifier (LNA):** Enhances weak signals received from client devices.
* **Band-pass Filters:** Prevents interference from other electronic devices or neighboring frequency bands.
#### C. Power Management Circuitry
Since industrial environments often have "dirty" power, this part includes:
* **Voltage Regulators:** Stepping down input voltage to the 3.3V or 1.8V required by the SoC.
* **Protection Diodes:** Safeguarding against electrostatic discharge (ESD) and surges.
---
### 3. Applications and Integration
This specific module is frequently used in:
1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to a central network.
2. **Smart Warehousing:** Enabling mobile scanners and AGVs (Automated Guided Vehicles) to maintain constant connectivity.
3. **Outdoor Mesh Networks:** Due to its ruggedized design, it can be enclosed for outdoor environmental monitoring.
---
### 4. Typical Block Diagram Logic
```mermaid
graph LR
A[Power Input] --> B[Voltage Regulator]
B --> C[Main SoC]
C <--> D[RF Front End]
D <--> E[Antenna Port]
C <--> F[Ethernet Interface]
```
- ⤷What are the specific power consumption requirements for this module?
- ⤷ Does the R2/Q revision support Power over Ethernet (PoE)?
- ⤷ What is the maximum number of concurrent client connections supported?