W2AP-A14-R2/UL
AI

The **W2AP-A14-R2/UL** is a specific model of an **Industrial Axial Fan**, typically manufactured by companies like **Fulltech Electric**. These fans are designed for high-performance cooling in industrial enclosures, server racks, and machinery.
Below is a detailed breakdown of its electronic and mechanical parts, specifications, and certifications.
---
### 1. Key Technical Specifications
The "W2AP" series generally refers to AC-powered axial fans with a metal frame.
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Shaded Pole Induction Motor (Single Phase) |
| **Operating Voltage** | 115V AC (typically 100V–125V range) |
| **Frequency** | 50/60 Hz |
| **Airflow Direction** | Exhaust over struts (standard) |
| **Bearing Type** | Dual Ball Bearing (for long life and high heat resistance) |
| **Frame Material** | Die-cast Aluminum (painted black) |
| **Impeller Material** | Thermoplastic (PBT) UL 94V-0 Rated |
---
### 2. Internal Electronic Components
While these are AC induction motors (simpler than DC brushless fans), they contain several critical electronic elements:
* **Stator Windings:** Copper coils wrapped around a laminated steel core. These create the magnetic field necessary to spin the rotor.
* **Shaded Pole Ring:** A small copper ring or "shade" on the stator poles that creates a phase shift in the magnetic field, allowing the motor to self-start on AC power.
* **Impedance Protection:** The "R2" suffix often denotes that the motor is **Impedance Protected**. This means the motor is designed so that if the fan blade is stalled (locked rotor), the internal resistance prevents the coils from overheating and catching fire.
* **Termination:** Usually features lead wires or spade terminals (fast-on) for power connection.
---
### 3. Part Number Decoder
Understanding the "W2AP-A14-R2/UL" nomenclature:
* **W2AP:** Series identifier (typically 120mm x 120mm x 38mm form factor).
* **A1:** Indicates the voltage class (115V AC).
* **4:** Often refers to the speed rating (High Speed).
* **R2:** Designates the specific bearing type or internal protection (Ball Bearing/Impedance Protected).
* **UL:** Indicates the part is certified by Underwriters Laboratories for safety standards.
---
### 4. Environmental & Safety Features
* **Insulation Class:** Usually Class B or Class F (rated for temperatures up to 130°C–155°C).
* **Dielectric Strength:** Tested to withstand ~1500V AC for one minute between the frame and the terminals.
* **Certifications:** UL recognized, CE marked, and RoHS compliant.
---
- ⤷
What are the specific dimensions and mounting hole patterns for the W2AP-A14 series?
- ⤷ How does an impedance-protected motor differ from a thermal-protected motor?
- ⤷ What is the expected MTBF (Mean Time Between Failures) for ball bearing fans in high-temperature environments?