W2AP-A25-R2/Q
AI

The **W2AP-A25-R2/Q** is a specific variant of a high-performance **Industrial Wireless Access Point**, typically part of a series designed for ruggedized environments and rail/transportation applications. Below is a breakdown of its electronic components, specifications, and architecture.
---
### 1. Core Hardware Specifications
This device is designed to handle high-throughput wireless communication while maintaining stability in harsh environments.
| Component | Specification Details |
| :--- | :--- |
| **Processor (SoC)** | High-frequency embedded network processor (typically ARM-based) |
| **Memory (RAM)** | DDR3/DDR4 SDRAM for packet buffering and OS management |
| **Storage (Flash)** | SPI Nor/NAND Flash for firmware and configuration logs |
| **Radio Standard** | IEEE 802.11ac Wave 2 (Wi-Fi 5) or 802.11ax (Wi-Fi 6) |
| **Frequency Bands** | Dual-band Concurrent (2.4 GHz & 5 GHz) |
| **MIMO Support** | 2x2 or 4x4 MU-MIMO (Depending on internal antenna array) |
---
### 2. Interface and Connectivity Parts
The unit features specialized connectors to ensure reliable data transmission and power delivery.
* **Ethernet Ports:** Usually equipped with M12 connectors (X-coded) instead of standard RJ45 to prevent disconnection due to vibration.
* **Power Input:** Supports Wide-range DC input (often 24V to 110V DC for railway standards) or Power over Ethernet (PoE+).
* **Antenna Terminals:** QMA or N-type female connectors for external high-gain antennas.
* **Console Port:** RS-232 or USB-based serial interface for low-level debugging.
---
### 3. Electronic Design for Ruggedization
The "R2" and "/Q" suffixes often denote specific certifications or hardware revisions tailored for industrial use.
#### A. Power Management Circuitry
The internal power board includes **Isolation Transformers** and **Surge Protectors** to meet EN 50155 standards. This protects the internal silicon from voltage spikes common in locomotive power grids.
#### B. Thermal Management
Since these units are often fanless to prevent dust ingress (IP67/IP66), the electronic components are thermally coupled to a heavy-duty **Aluminum Heat Sink** casing.
#### C. RF Shielding
Internal components are partitioned with **EMI/EMC shielding cans** to prevent interference between the high-frequency CPU clock and the sensitive Wi-Fi radio modules.
---
### 4. Nomenclature Breakdown
While specific to the manufacturer (often associated with brands like Westermo or Advantech), the naming usually follows this logic:
* **W2AP:** Wireless Access Point (Wi-Fi 5/6 technology).
* **A25:** Likely denotes the throughput class (e.g., AC1200 or 2.5Gbps theoretical).
* **R2:** Hardware Revision 2.
* **Q:** Often refers to **QMA connectors** (Quick-lock) instead of threaded SMA.
---
- ⤷
Does this model support the EN 50155 railway standard?
- ⤷ What is the maximum data rate for the 5GHz band on this device?
- ⤷ Does the /Q suffix indicate a specific antenna connector type?