W2AP-A2Y-R/Q
AI

The **W2AP-A2Y-R/Q** is a high-performance, enterprise-grade wireless access point module typically manufactured by **Quanta Cloud Technology (QCT)** or used within their network infrastructure solutions. It is designed to provide high-density Wi-Fi connectivity in data centers or large-scale enterprise environments.
---
### ## Technical Specifications Overview
Below is a breakdown of the primary electronic and technical characteristics of the W2AP-A2Y-R/Q:
| Feature | Specification |
| :--- | :--- |
| **Wi-Fi Standard** | IEEE 802.11ac Wave 2 (often supports 802.11a/b/g/n) |
| **Radio Chains** | 4x4 MU-MIMO (Multiple Input, Multiple Output) |
| **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) |
| **Throughput** | Up to 1733 Mbps on 5GHz + 800 Mbps on 2.4GHz |
| **Interface** | Ethernet (RJ45) / SFP Support |
| **Power Input** | PoE+ (802.3at) or DC Power Adapter |
---
### ### Key Electronic Components
The hardware architecture of this device generally includes the following subsystems:
1. **Main Processor (SoC):** Typically powered by a **Qualcomm IPQ** series chipset. This handles the networking logic, data encryption, and management of the wireless stacks.
2. **Radio Frequency (RF) Front End:**
* **Power Amplifiers (PA):** Boost the signal for better range.
* **Low Noise Amplifiers (LNA):** Improve sensitivity for receiving signals from distant mobile devices.
3. **Memory Subsystem:**
* **DDR RAM:** Used for buffering data packets and running the firmware.
* **Flash Storage:** Stores the Operating System (usually a customized Linux/OpenWrt derivative).
4. **Antenna System:** Internal high-gain antennas designed for beamforming, which allows the device to focus the Wi-Fi signal specifically toward connected clients rather than broadcasting in all directions equally.
---
### ### Functional Features
* **MU-MIMO Support:** Allows the access point to communicate with multiple clients simultaneously rather than sequentially, significantly increasing network capacity.
* **Beamforming:** Electronically adjusts the phase of the signal to improve SNR (Signal-to-Noise Ratio) at the receiver's end.
* **PoE Integration:** The electronic design allows for power and data to be delivered over a single Ethernet cable, simplifying installation in ceilings or remote locations.
---
### ### Identification Code Breakdown
* **W2AP:** Wireless Wave 2 Access Point.
* **R/Q:** Usually refers to specific regional regulatory domains (e.g., restricted channels for US vs. EU) or specific hardware revisions provided by Quanta.
---
- ⤷
Does this model support Wi-Fi 6 (802.11ax) or is it limited to Wi-Fi 5?
- ⤷ What are the specific power requirements in Watts for the PoE+ input?
- ⤷ Is the W2AP-A2Y-R/Q compatible with third-party controllers?