W2AP-A35-R/UL
AI

The **W2AP-A35-R/UL** is a high-performance, outdoor industrial-grade wireless access point, often rebranded or integrated into specific industrial networking solutions (such as those by Advantech or similar telecommunications OEMs).
Below is a breakdown of its technical specifications and electronic characteristics.
### Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Model Number** | W2AP-A35-R/UL |
| **Form Factor** | Outdoor Ruggedized IP67/IP68 Enclosure |
| **Standard** | IEEE 802.11a/b/g/n/ac (Wi-Fi 5) |
| **Bands** | Dual-band (2.4 GHz & 5 GHz) |
| **Interface** | 1 x 10/100/1000Base-T (RJ-45) |
| **Power Supply** | PoE (Power over Ethernet) IEEE 802.3at/af |
| **Certifications** | UL Listed, FCC, CE, RoHS |
---
### Key Electronic Components & Systems
#### 1. Radio Frequency (RF) Frontend
* **MIMO Technology:** Usually supports **2x2 or 3x3 MIMO** (Multiple Input, Multiple Output) to improve throughput and signal reliability in noisy environments.
* **Power Amplifiers (PA):** Integrated high-gain amplifiers to extend signal range for outdoor deployment.
* **Antenna Connectors:** Typically features N-Type or RP-SMA connectors protected by weather-sealed gaskets.
#### 2. Processing and Logic
* **Main SoC:** Utilizes a high-efficiency network processor (typically Qualcomm Atheros or Broadcom) capable of handling high-speed traffic encryption and routing.
* **Memory:**
* **RAM:** 128MB to 256MB (DDR3) for packet buffering.
* **Flash:** 16MB to 32MB for firmware storage and configuration.
#### 3. Power Management
* **PoE Controller:** Since it is an outdoor unit, it relies on **Power over Ethernet (PoE)**. The internal circuitry includes a DC-DC converter to step down the 48V-54V PoE input to the lower voltages (3.3V, 1.8V, 1.2V) required by the logic chips.
* **Surge Protection:** Includes ESD (Electrostatic Discharge) protection up to 6kV and surge protection to prevent damage from lightning or power spikes common in outdoor setups.
#### 4. Environmental Ruggedization
* **Thermal Design:** The internal electronics are mounted to a metal heat-sink chassis to dissipate heat without requiring internal fans (passive cooling).
* **Operating Temperature:** Designed to operate between **-40°C to +70°C**.
---
### Safety and Compliance ("UL" Suffix)
The "UL" in the part number indicates that the electronic components and the assembly meet **Underwriters Laboratories** safety standards. This is critical for industrial applications because:
* It ensures the housing is flame-retardant.
* It verifies that the electrical insulation and grounding are sufficient to prevent fire or electric shock.
* It permits use in specific hazardous or regulated industrial zones.
- ⤷What are the specific power consumption requirements for the W2AP-A35-R/UL?
- ⤷ Does this model support mesh networking for industrial sites?
- ⤷ What are the compatible PoE injectors for this device?