Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2AP-D14-R/Q

  • AI
    The **W2AP-D14-R/Q** is a high-performance, industrial-grade outdoor wireless access point (AP). It is designed to provide robust connectivity in harsh environments, often utilized in smart city deployments, industrial IoT, or campus networking. Below is a breakdown of its core electronic and functional components. --- ### 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Radio Chains** | Dual-band (2.4 GHz and 5 GHz) | | **Protocol Support** | IEEE 802.11a/b/g/n/ac/ax (Wi-Fi 6) | | **MIMO Technology** | MU-MIMO (Multi-User, Multiple Input, Multiple Output) | | **Ingress Protection** | IP67 (Dust tight and waterproof) | | **Antenna Type** | Internal directional or high-gain omni-directional | | **Power Input** | PoE+ (Power over Ethernet - 802.3at) | --- ### 2. Core Electronic Components The "D14" series typically features high-efficiency circuitry designed to handle extreme temperatures and heavy data throughput. #### A. The Wireless Chipset (SoC) At the heart of the device is a **System-on-Chip (SoC)**, usually from Qualcomm or Broadcom. This chip handles: * **Packet Processing:** Managing high-speed data traffic between the wired backhaul and wireless clients. * **OFDMA Support:** Dividing channels into smaller sub-channels to allow multiple devices to communicate simultaneously without interference. #### B. Power Management System Since this is an outdoor unit, the power electronics are specialized: * **PoE Controller:** Integrated circuits that extract power from the Ethernet cable (48V-54V) and step it down to the 12V or 5V needed by the internal boards. * **Thermal Protection:** The circuitry includes sensors that throttle performance if the internal temperature exceeds safe operating limits (common in outdoor sun exposure). #### C. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Boosts the signal for long-range transmission. * **Low Noise Amplifiers (LNA):** Increases sensitivity to pick up weak signals from distant mobile devices. * **RF Filters:** Surface Acoustic Wave (SAW) filters are used to prevent interference from nearby cellular (LTE/5G) towers. --- ### 3. Mechanical & Environmental Integration The electronics are protected by a ruggedized chassis, which serves two purposes: 1. **Faraday Cage:** The metal or shielded plastic housing prevents electromagnetic interference (EMI). 2. **Heat Sink:** The internal PCB (Printed Circuit Board) is often connected to the outer casing via thermal pads to dissipate heat without needing internal fans. --- ### 4. Interface and Connectivity * **RJ45 Port:** Supports 10/100/1000 Mbps (Gigabit Ethernet) with surge protection (typically up to 6kV) to protect against lightning strikes. * **Console Port:** Often a hidden internal port for low-level debugging and firmware recovery.
    ✨ Follow-up Questions
    • ⤷ Does the W2AP-D14-R/Q support external antenna attachments?
    • ⤷ What is the maximum data rate for this specific model?
    • ⤷ Is this device compatible with standard 802.3af PoE or does it require 802.3at?