W2AP-D1Y-R/UL
AI

The **W2AP-D1Y-R/UL** is a specialized electronic component typically used in automation and control systems. It is part of the **W2 series** of high-density signal conditioners or isolation amplifiers, often manufactured by companies like **M-System**.
---
## 1. Core Specifications
Below are the primary electronic characteristics associated with this specific model number:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Signal Conditioner / Isolator |
| **Input Signal** | DC Current (typically 4-20mA or 0-20mA) |
| **Output Signal** | DC Voltage or Current (Dual Output capability) |
| **Power Supply** | 24V DC |
| **Mounting** | DIN Rail / Surface Mount |
| **Certification** | UL Listed (as indicated by /UL suffix) |
---
## 2. Model Breakdown (Nomenclature)
The part number is structured to define its electronic functionality:
1. **W2**: Series designation (Multi-channel/High density).
2. **AP**: Function code, usually referring to a specific type of signal transmitter or isolator.
3. **D1**: Defines the Input and Output 1 configuration (e.g., 4-20mA DC).
4. **Y**: Defines the Output 2 configuration.
5. **R**: Power input type (typically 24V DC).
6. **UL**: Certification standards for the US/Canadian market.
---
## 3. Key Electronic Functions
### Signal Isolation
The device provides **Galvanic Isolation** between the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges or electrical noise.
### Signal Conversion
It converts one type of analog signal to another. For example, it can take a 4-20mA sensor input and provide a 0-10V output for a controller, while simultaneously providing a second isolated 4-20mA loop for a local display.
### Impedance Matching
It acts as a buffer, ensuring that the source sensor is not overloaded by the input impedance of the monitoring device.
---
## 4. Wiring and Connectivity
The device typically features a plug-in base or terminal block interface.
```text
Typical Terminal Configuration:
[1] - Input (+)
[2] - Input (-)
[3] - Output 1 (+)
[4] - Output 1 (-)
[5] - Output 2 (+)
[6] - Output 2 (-)
[7] - Power (+) 24V DC
[8] - Power (-) 0V DC
```
---
- ⤷
What is the maximum isolation voltage for the W2AP series?
- ⤷ Can this model be used with a 110V AC power supply?
- ⤷ What is the difference between the -R and -M power options in this series?