W2AP-D1Y-R2/UL
AI

The **W2AP-D1Y-R2/UL** is a high-performance industrial wireless access point, typically associated with the **Yokogawa** lineup (often part of the ISA100 wireless infrastructure). It is designed to act as a bridge between wireless field devices and a backbone network.
---
### 1. General Specifications
This device is engineered for harsh industrial environments, ensuring reliable communication for process automation.
| Feature | Description |
| :--- | :--- |
| **Model Category** | Field Wireless Access Point |
| **Wireless Protocol** | ISA100.11a (IEEE 802.15.4) |
| **Input Voltage** | 24V DC (Typical range 10.8 to 26.4V) |
| **Mounting** | Pipe or wall mount |
| **Certifications** | UL Listed (Class I, Div 2), CE, KC |
---
### 2. Key Electronic Components & Connectivity
The internal architecture focuses on redundant power handling and signal integrity.
#### A. Communication Ports
* **Ethernet Port:** RJ45 connector for backbone communication (100BASE-TX).
* **Fiber Optic (Optional):** Some variants support SFP modules for long-distance backhaul.
* **Console Port:** RS-232 interface for local configuration and diagnostics.
#### B. Wireless Module
* **Antenna Ports:** Standard N-type or SMA connectors (depending on sub-model) for 2.4 GHz antennas.
* **RF Output Power:** Adjustable to comply with regional regulations (FCC/ETSI).
* **Multi-Path Mesh:** Electronics support redundant routing to ensure data packets reach the gateway even if one path is blocked.
#### C. Power & Protection
* **Dual Power Terminals:** Support for redundant DC power inputs to prevent shutdown during a power supply failure.
* **Surge Protection:** Integrated transient voltage suppression to protect against lightning or industrial noise.
* **Internal Grounding:** Specific grounding terminals to bleed off static and EMI.
---
### 3. Suffix Code Breakdown (D1Y-R2/UL)
The suffix codes define the specific electronic and regional configuration:
* **-D1:** Standard communication/power type.
* **Y:** Usually denotes "Always" or a specific hardware revision for the regional market.
* **-R2:** Refers to the wireless regulatory region (often used for specific frequency hopping patterns).
* **/UL:** Indicates the unit is **UL Listed**, meaning it meets specific safety standards for the US and Canadian markets, particularly regarding hazardous locations.
---
### 4. Technical Maintenance Note
When servicing this unit, ensure the **O-ring** on the housing is intact. The electronic parts are sensitive to moisture; maintaining the IP66/IP67 integrity is critical for the longevity of the internal PCB.
- ⤷
What are the specific power consumption requirements for the W2AP-D1Y-R2?
- ⤷ How do I configure the ISA100 wireless parameters on this device?
- ⤷ What is the maximum number of field devices this access point can support?