AI

The **W2AP-D24-R/UL** is a specific model of an industrial-grade **Dual-Channel Inductive Loop Detector**, typically used in parking systems, toll booths, and gate control applications. It is designed to detect the presence of vehicles by monitoring the change in inductance of a wire loop buried in the pavement.
---
### 1. Technical Specifications
The "D24" in the model name indicates a **24V AC/DC** power requirement, which is standard for industrial PLC and gate controller environments.
| Feature | Specification |
| :--- | :--- |
| **Power Supply** | 24V AC/DC (±10%) |
| **Channels** | Dual Channel (Can monitor two separate loops) |
| **Output Type** | Relay Output (Form C / SPDT) |
| **Sensitivity** | Adjustable (usually via DIP switches) |
| **Response Time** | ~100ms |
| **Frequency Range** | 20 kHz to 170 kHz |
| **Mounting** | 11-pin Circular Plug-in (DIN Rail compatible) |
---
### 2. Core Electronic Components
The device consists of several critical internal subsystems:
#### A. The Oscillator Circuit
The heart of the device. It generates a high-frequency sine wave that passes through the external wire loop. When a metallic object (vehicle) moves over the loop, the **inductance decreases**, causing the oscillation frequency to **increase**.
#### B. Microprocessor Control
The internal logic chip monitors the frequency shifts. It distinguishes between actual vehicles and environmental "drift" (like temperature changes or humidity affecting the ground).
#### C. Configuration Interface (DIP Switches)
Located on the front or side, these allow the user to adjust:
* **Sensitivity:** High sensitivity for motorcycles; lower for large trucks.
* **Frequency:** Used to prevent "crosstalk" if two loops are placed close together.
* **Presence/Pulse Mode:** Determines if the relay stays closed as long as the car is there, or just "blips" when the car arrives.
#### D. Relay Isolation
To protect the sensitive electronics from the high-voltage or high-current motors of a gate, the device uses **Electromechanical Relays**. These provide "dry contacts" for the controller.
---
### 3. Pinout Configuration (Standard 11-Pin)
The W2AP series generally follows the industry-standard 11-pin circular base:
| Pin Number | Function |
| :--- | :--- |
| 1 & 2 | Power Supply (24V) |
| 3 | Relay 2 (Normally Open) |
| 4 | Relay 2 (Common) |
| 5 | Relay 1 (Normally Open) |
| 6 | Relay 1 (Common) |
| 7 | Loop 1 Input |
| 8 | Loop 1 Input |
| 9 | Loop 2 Input |
| 10 | Loop 2 Input |
| 11 | Relay 1 (Normally Closed) |
---
### 4. Safety & Compliance
* **UL Listed:** The "/UL" suffix indicates it has been tested and certified by Underwriters Laboratories for safety standards in North America.
* **LED Indicators:** Usually features LEDs for "Power," "Detect," and "Fault" (detects if the loop wire is broken or shorted).
- ⤷
How do you calculate the correct number of turns for the ground loop wire?
- ⤷ What is the difference between Presence and Pulse mode in this detector?
- ⤷ How can I prevent crosstalk between two adjacent loop detectors?