W2AP-G1A-R2/UL
AI

The **W2AP-G1A-R2/UL** is a high-performance **Industrial Wireless Access Point** manufactured by **Patlite**. It is designed for harsh industrial environments, specifically used to bridge communication between factory floor devices (like signal towers and sensors) and IT networks.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model** | W2AP-G1A-R2/UL |
| **Wireless Standard** | IEEE 802.11a/b/g/n (Dual Band) |
| **Frequency Bands** | 2.4 GHz and 5 GHz |
| **Wired Interface** | 10/100/1000Base-T (Gigabit Ethernet) |
| **Power Supply** | 24V DC or PoE (Power over Ethernet) |
| **Compliance** | UL Listed, FCC, CE |
| **Protection Rating** | IP20 (Indoor/Cabinet use) |
---
### 2. Core Electronic Components & Architecture
The hardware architecture is optimized for low latency and high reliability in environments with significant electromagnetic interference (EMI).
#### A. Radio Frequency (RF) Module
* **Dual-Band MIMO:** Uses Multiple-Input Multiple-Output technology to improve signal stability in metal-heavy environments (factories) where multipath interference is common.
* **Antenna System:** Features high-gain antennas to ensure coverage over large shop floors.
#### B. Processing & Memory
* **Industrial CPU:** Equipped with a dedicated network processor to handle high-speed data packet routing without bottlenecks.
* **RAM/Flash:** Sufficient onboard memory to maintain a stable connection for up to dozens of simultaneous client devices (like Patlite WD series wireless transmitters).
#### C. Power Circuitry
* **Dual Input:** Supports a standard **24V DC** terminal block common in PLC cabinets.
* **PoE (802.3af):** Allows the unit to be powered via the Ethernet cable, simplifying installation in high-up locations where power outlets are unavailable.
---
### 3. Functional Capabilities
* **Security Protocol:** Supports WPA/WPA2-PSK (AES) and WPA/WPA2-Enterprise for secure industrial data transmission.
* **Device Management:** Features a web-based GUI for configuration and SNMP support for integration into Network Management Systems (NMS).
* **Roaming:** Supports seamless roaming for mobile industrial equipment (like AGVs) moving between different access point zones.
---
### 4. Typical Application Circuit
In a standard industrial setup, the electronic connection follows this logic:
```text
[Signal Tower] --(Wireless)--> [W2AP-G1A-R2/UL] --(Ethernet/PoE)--> [Industrial Switch] --> [Server/PC]
| ^
|_______________________________|
(2.4GHz / 5GHz)
```
- ⤷
How does the W2AP-G1A-R2/UL integrate with Patlite's WD signal tower system?
- ⤷ What are the specific environmental temperature ratings for this model?
- ⤷ Can this access point be used as a bridge or repeater in a mesh network?