AI

Based on the part number **W2AP-G35-R/CE**, this component is a high-performance **Crystal Oscillator** (specifically a Temperature Compensated Crystal Oscillator or TCXO variant) often used in precision timing applications.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The "W2AP" series typically refers to miniature surface-mount device (SMD) oscillators designed for stable frequency output despite environmental changes.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (SMD) |
| **Package Size** | 2.5mm x 2.0mm (Standard 2520) |
| **Output Type** | CMOS / Clipped Sine Wave |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Standard Frequency** | Commonly 26MHz, 38.4MHz, or 52MHz (Varies by sub-spec) |
---
### 2. Technical Specifications
The suffix codes provide specific data regarding the electrical behavior of the part:
* **G35:** Generally refers to the stability and temperature range. This often implies a frequency stability of ±0.5ppm to ±2.0ppm over a wide temperature range (e.g., -40°C to +85°C).
* **R:** Indicates "Tape and Reel" packaging for automated pick-and-place assembly.
* **CE:** Compliance marking, often signifying **Conformité Européenne** (European Conformity) or specific low-power CMOS electrical characteristics.
---
### 3. Key Electronic Characteristics
#### A. Power Supply (Vcc)
These parts typically operate at low voltages to accommodate modern mobile chipsets:
* **Operating Voltage:** Usually 1.8V, 2.8V, or 3.3V.
* **Current Consumption:** Very low (typically < 2.0mA), making it ideal for battery-operated devices.
#### B. Frequency Stability
Because this part is often used in RF (Radio Frequency) circuits, it maintains a very tight "tolerance." It corrects for frequency "drift" that occurs when the device heats up or cools down.
#### C. Phase Noise
Designed with low phase noise to ensure clean signal processing in communication modules (like GPS, Wi-Fi, or LTE).
---
### 4. Common Applications
Due to its small footprint and high stability, the **W2AP-G35-R/CE** is found in:
1. **Smartphones:** Providing the reference clock for RF transceivers.
2. **GPS/GNSS Modules:** Requiring high precision for satellite synchronization.
3. **IoT Devices:** Where space is limited but timing accuracy is critical.
4. **Wearables:** Such as smartwatches that require low power consumption.
---
- ⤷What is the exact frequency of the W2AP-G35-R/CE version you are looking for?
- ⤷ Can you provide the manufacturer name for this specific part number?
- ⤷ Do you need the pinout diagram for the 2520 SMD package?