Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2CA-124-R2/N

  • AI
    The **W2CA-124-R2/N** is a specific part number typically associated with **Signal Conditioning Modules** or **Isolation Amplifiers**, often manufactured by companies like **Watanabe Electric Industry**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals. --- ## 1. Technical Specifications Overview The following table summarizes the typical electronic characteristics of this series: | Parameter | Specification | | :--- | :--- | | **Model Type** | Signal Conditioner / Isolator | | **Input Signal** | 4–20 mA DC (Standard) | | **Output Signal** | 4–20 mA DC (Standard Dual Output) | | **Power Supply** | 24V DC (±10%) | | **Response Time** | Approx. 25ms (0 to 90%) | | **Isolation Strength** | 2000V AC for 1 minute | | **Mounting** | DIN Rail or Wall Mount | --- ## 2. Part Number Breakdown While specific manufacturer codes can vary slightly, the nomenclature usually follows this logic: * **W2CA:** The series designation (Dual Output Signal Conditioner). * **124:** Configuration code. * `1`: Input type (e.g., DC Current). * `2`: Output 1 type (e.g., 4-20mA). * `4`: Output 2 type (e.g., 4-20mA). * **R2:** Power supply specification (usually indicates 24V DC). * **N:** Specific housing or terminal block variation (often "Narrow" or "Screw terminal"). --- ## 3. Key Electronic Functions ### A. Signal Isolation The device provides **3-way isolation** (Input, Output, and Power are all galvanically isolated from each other). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges in the field. ### B. Dual Output (Splitter) One of the primary features of the W2CA series is the ability to take **one input** (e.g., from a pressure sensor) and provide **two independent outputs**. This allows you to send the signal to a local display and a remote control system simultaneously without signal degradation. ### C. Impedance Matching The module converts high-impedance signals or current loops into a format that the receiving controller can accurately interpret, ensuring linear signal transmission over long distances. --- ## 4. Connection Diagram (Simplified) Below is a typical wiring representation for this class of module: ```text [ FIELD SIDE ] [ MODULE ] [ CONTROL SIDE ] Sensor (+) ------> [ Terminal 1: In+ ] ------> Output 1 (To PLC) Sensor (-) ------> [ Terminal 2: In- ] ------> Output 2 (To Display) [ Power: 24V DC ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the W2CA-124-R2/N?
    • ⤷ Can this module be used to convert a Voltage signal to a Current signal?
    • ⤷ What is the maximum load resistance supported by the 4-20mA outputs?